Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6529ACBZ-T Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6529ACBZ-T
Description  Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6529ACBZ-T Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6529ACBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6529ACBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6529ACBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6529ACBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6529ACBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6529ACBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6529ACBZ-T Datasheet HTML 9Page - Intersil Corporation ISL6529ACBZ-T Datasheet HTML 10Page - Intersil Corporation ISL6529ACBZ-T Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN9127.1
December 28, 2004
NC (Pins 7, 8, 11, and 12), (Pins 6, 7, 8, 11, 13 and
15 MLFP)
No internal connection.
FB (Pin 9), (Pin 9 MLFP) and COMP (Pin 10), (Pin
10 MLFP).
FB and COMP are the available external pins of the error
amplifier. The FB pin is the inverting input of the error amplifier
and the COMP pin is the error amplifier output. These pins are
used to compensate the voltage-mode control feedback loop of
the standard synchronous rectified buck converter.
12VCC(Pin 13), (Pin 12 MLFP)
Provides bias voltage for the gate drivers.The voltage at this
pin is monitored for Power-On Reset (POR) purposes.
UGATE (Pin 14), (Pin 14 MLFP)
Connect UGATE to the upper MOSFET gate. This pin
provides the gate drive for the MOSFET.
Description
Operation Overview
The ISL6529A monitors and precisely controls two output
voltage levels. Refer to the Block Diagram, Simplified Power
System Diagram, and Typical Application Schematic on pp. 2–
3. The controller is intended for use in graphics cards or
embedded processor applications with 5V and 12V bias input
available. The IC integrates both a standard buck PWM
controller and a linear controller. The PWM controller is
designed to regulate the high current GPU voltage (VOUT1).
The PWM controller regulates the output voltage to a level
programmed by a resistor divider. The linear controller is
designed to regulate the lower current local memory voltage
(VOUT2) through an external N-Channel MOS pass transistor.
Initialization
The ISL6529A automatically initializes upon application of
input power. Special sequencing of the input supplies is not
necessary. The POR function continually monitors the input
bias supply voltage at the 5VCC and 12VCC pins. The POR
function initiates soft-start operation after these supply
voltages exceed their POR threshold voltages.
Soft-Start
The POR function initiates the digital soft-start sequence.
Both the linear regulator error amplifier and PWM error
amplifier reference inputs are forced to track a voltage level
proportional to the soft-start voltage. As the soft-start voltage
slews up, the PWM comparator regulates the output relative
to the tracked soft-start voltage, slowly charging the output
capacitor(s). Simultaneously, the linear output follows the
smooth ramp of the soft-start function into normal regulation.
Figure 1 shows the soft-start sequence of an ISL6529A
evaluation board powered by an ATX supply. Note the
uniform linear output voltage rise of the two ISL6529A output
voltages. Once the voltage on 5VCC crosses the POR
thresholds, both outputs begin their soft-start sequence. The
triangle waveform from the PWM oscillator is compared to
the rising error amplifier output voltage. As the error amplifier
voltage increases, the pulse-width on the PWM increases to
reach its steady-state duty cycle. The error amplifier
reference of the linear controller also rises relative to the
soft-start reference.
Figure 2 shows the controlled stepped output voltage rise
and associated charging current of a 390
µF polymer
capacitor. By providing many small steps of current that
effectively charge the output capacitor, the potentially large
peak current resulting from a sudden, uncontrolled voltage
rise are eliminated.
The clock for the DAC producing the 30mV steps is
approximately 18.5kHz, so there is a 18.5kHz ripple current
component that lasts for the approximate 2.8ms start-up
interval. A few clock cycles are used for initialization to insure
that soft start begins near zero volts.
FIGURE 1. ATX SUPPLY POWERING AN ISL6529A
EVALUATION BOARD
5VCC INPUT
3.3V INPUT
1.5V OUTPUT
2.4V OUTPUT
ISL6529A


Similar Part No. - ISL6529ACBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529ACBZ-T INTERSIL-ISL6529ACBZ-T Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
More results

Similar Description - ISL6529ACBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com