Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2191M Datasheet(PDF) 18 Page - Analog Devices

Part # ADSP-2191M
Description  DSP Microcomputer
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2191M Datasheet(HTML) 18 Page - Analog Devices

Back Button ADSP-2191M_15 Datasheet HTML 14Page - Analog Devices ADSP-2191M_15 Datasheet HTML 15Page - Analog Devices ADSP-2191M_15 Datasheet HTML 16Page - Analog Devices ADSP-2191M_15 Datasheet HTML 17Page - Analog Devices ADSP-2191M_15 Datasheet HTML 18Page - Analog Devices ADSP-2191M_15 Datasheet HTML 19Page - Analog Devices ADSP-2191M_15 Datasheet HTML 20Page - Analog Devices ADSP-2191M_15 Datasheet HTML 21Page - Analog Devices ADSP-2191M_15 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
ADSP-2191M
–18–
REV. A
SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
Parameter
Test Conditions
K Grade (Commercial)
Min
Max
B Grade (Industrial)
Min
Max
Unit
V
DDINT
Internal (Core) Supply
Voltage
2.37
2.63
2.37
2.63
V
V
DDEXT
External (I/O) Supply
Voltage
2.97
3.6
2.97
3.6
V
V
IH
High Level Input Voltage
@ V
DDINT = max,
V
DDEXT = max
2.0
V
DDEXT +0.3
2.0
V
DDEXT +0.3
V
V
IL
Low Level Input Voltage
@ V
DDINT = min,
V
DDEXT = min
–0.3
+ 0.8
–0.3
+ 0.8
V
T
AMB
Ambient Operating
Temperature
070
– 40
+ 85
ºC
Specifications subject to change without notice.
ELECTRICAL CHARACTERISTICS
K and B Grades
Parameter
Test Conditions
Min
Typ
Max
Unit
V
OH
High Level Output Voltage
1
1Applies to output and bidirectional pins: DATA15–0, ADDR21–0, HAD15–0, MS3–0, IOMS, RD, WR, CLKOUT, HACK, PF7–0, TMR2–0, BGH,
BG, DT0, DT1, DT2/MISO0, TCLK0, TCLK1, TCLK2/SCK0, RCLK0, RCLK1, RCLK2/SCK1, TFS0, TFS1, TFS2/MOSI0, RFS0, RFS1,
RFS2/MOSI1,
BMS, TDO, TXD, EMU, DR2/MISO1.
@ V
DDEXT = min,
I
OH = –0.5 mA
2.4
V
V
OL
Low Level Output Voltage1
@ V
DDEXT = min,
I
OL = 2.0 mA
0.4
V
I
IH
High Level Input Current
2, 3
2Applies to input pins: ACK, BR, HCMS, HCIOMS, HA16, HALE, HRD, HWR, CLKIN, DR0, DR1, RXD, HACK_P.
3Applies to input pins with internal pull-ups: BMODE0, BMODE1, OPMODE, BYPASS, TCK, TMS, TDI, RESET.
@ V
DDEXT = max,
V
IN = VDD max
10
µA
I
IL
Low Level Input Current3, 4
4Applies to input pin with internal pull-down: TRST.
@ V
DDEXT = max,
V
IN = 0 V
10
µA
I
IHP
High Level Input Current
5
@ V
DDEXT = max,
V
IN = VDD max
30
100
µA
I
ILP
Low Level Input Current4
@ V
DDEXT = max,
V
IN = 0 V
20
70
µA
I
OZH
Three-State Leakage Current
5
5Applies to three-statable pins: DATA15–0, ADDR21–0, MS3–0, RD, WR, PF7–0, BMS, IOMS, TFSx, RFSx, TDO, EMU, TCLKx, RCLKx, DTx,
HAD15–0, TMR2–0.
@ V
DDEXT = max,
V
IN = VDD max
10
µA
I
OZL
Three-State Leakage Current6
@ V
DDEXT = max,
V
IN = 0 V
10
µA
C
IN
Input Capacitance
6, 7
6Applies to all signal pins.
7Guaranteed, but not tested.
f
IN = 1 MHz,
T
CASE = 25°C,
V
IN = 2.5 V
8pF
Specifications subject to change without notice.


Similar Part No. - ADSP-2191M_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2191MBCA-140 AD-ADSP-2191MBCA-140 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MBCA-140 AD-ADSP-2191MBCA-140 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MBST-140 AD-ADSP-2191MBST-140 Datasheet
1Mb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MBST-140 AD-ADSP-2191MBST-140 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
ADSP-2191MBSTZ-140 AD-ADSP-2191MBSTZ-140 Datasheet
728Kb / 52P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2191M_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com