Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6532CRZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6532CRZ-T
Description  ACPI Regulator/Controller for Dual Channel DDR Memory Systems
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6532CRZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6532CRZ-T Datasheet HTML 1Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6532CRZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
ACPI Regulator/Controller for
Dual Channel DDR Memory Systems
The ISL6532 provides a complete ACPI compliant power
solution for up to 4 DIMM dual channel DDR/DDR2 memory
systems. Included are both a synchronous buck controller
and integrated LDO to supply VDDQ with high current during
S0/S1 states and standby current during S3 state. During
Run mode, a fully integrated sink-source regulator generates
an accurate (VDDQ/2) high current VTT voltage without the
need for a negative supply. A buffered version of the VDDQ/2
reference is provided as VREF.
The switching PWM controller drives two N-Channel
MOSFETs in a synchronous-rectified buck converter
topology. The synchronous buck converter uses voltage-
mode control with fast transient response. Both the switching
regulator and integrated standby LDO provide a maximum
static regulation tolerance of ±2% over line, load, and
temperature ranges. The output is user-adjustable by means
of external resistors down to 0.8V.
Switching the memory core output between the PWM
regulator and the standby LDO during state transitions is
accomplished smoothly via the internal ACPI control
circuitry. The NCH signal provides synchronized switching of
a backfeed blocking switch during the transitions
eliminating
the need to route 5V Dual to the memory supply.
An integrated soft-start feature brings VDDQ into regulation in
a controlled manner when returning to S0/S1 state from
S4/S5 or mechanical off states. During S0 the PGOOD signal
indicates that all supplies are within spec and operational.
Each output is monitored for under and over-voltage events.
Current limiting is included on the VTT and VDDQ standby
regulators. Thermal shutdown is integrated.
Pinout
ISL6532 (QFN) TOP VIEW
Features
• Generates 2 Regulated Voltages
- Synchronous Buck PWM Controller with Standby LDO
- 3A Integrated Sink/Source Linear Regulator with
Accurate VDDQ/2 Divider Reference.
- Glitch-free Transitions During State Changes
• ACPI Compliant Sleep State Control
• Integrated VREF Buffer
• PWM Controller Drives Low Cost N-Channel MOSFETs
• 250kHz Constant Frequency Operation
• Tight Output Voltage Regulation
- Both Outputs: ±2% Over Temperature
• 5V or 3.3V Down Conversion
• Fully-Adjustable Outputs with Wide Voltage Range: Down
to 0.8V supports DDR and DDR2 Specifications
• Simple Single-Loop Voltage-Mode PWM Control Design
• Fast PWM Converter Transient Response
• Over Current Protection and Under/Over-Voltage
Monitoring of Both Outputs
• Integrated Thermal Shutdown Protection
• QFN Package Option
- QFN Compliant to JEDEC PUB95 MO-220 QFN - Quad
Flat No Leads - Product Outline
- QFN Near Chip Scale Package Footprint; Improves
PCB Efficiency, Thinner in Profile
Pb-free available
Applications
• Single and Dual Channel DDR Memory Power Systems in
ACPI compliant PCs
• Graphics cards - GPU and memory supplies
• ASIC power supplies
• Embedded processor and I/O supplies
• DSP supplies
NCH
PGOOD
GND
COMP
FB
5VSBY
GND
VTT
VTT
VDDQ
1
2
3
4
5
67
8
9
10
15
14
13
12
11
20
19
18
17
16
GND
21
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
DWG. #
ISL6532CR
0 to 70
20 Ld 6x6 QFN
L20.6x6
ISL6532CRZ
(See Note)
0 to 70
20 Ld 6x6 QFN
(Pb-free)
L20.6x6
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which
is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002-2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6532
July 2004
FN9112.3
Data Sheet


Similar Part No. - ISL6532CRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6532CRZ RENESAS-ISL6532CRZ Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results

Similar Description - ISL6532CRZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6532C INTERSIL-ISL6532C Datasheet
506Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532A RENESAS-ISL6532A Datasheet
890Kb / 18P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548 Datasheet
464Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Richtek Technology Corp...
RT9644 RICHTEK-RT9644 Datasheet
357Kb / 17P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A_06 Datasheet
500Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Renesas Technology Corp
ISL6532 RENESAS-ISL6532 Datasheet
772Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548A RENESAS-ISL6548A Datasheet
788Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
logo
Intersil Corporation
ISL6548A INTERSIL-ISL6548A Datasheet
494Kb / 16P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
ISL6548 INTERSIL-ISL6548_06 Datasheet
473Kb / 15P
   ACPI Regulator/Controller for Dual Channel DDR Memory Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com