Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6504CR-T Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6504CR-T
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6504CR-T Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6504CR-T Datasheet HTML 5Page - Intersil Corporation ISL6504CR-T Datasheet HTML 6Page - Intersil Corporation ISL6504CR-T Datasheet HTML 7Page - Intersil Corporation ISL6504CR-T Datasheet HTML 8Page - Intersil Corporation ISL6504CR-T Datasheet HTML 9Page - Intersil Corporation ISL6504CR-T Datasheet HTML 10Page - Intersil Corporation ISL6504CR-T Datasheet HTML 11Page - Intersil Corporation ISL6504CR-T Datasheet HTML 12Page - Intersil Corporation ISL6504CR-T Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN9062.2
April 13, 2004
Soft-Start into Sleep States (S3, S4/S5)
The 5VSB POR function initiates the soft-start sequence. An
internal 10
µA current source charges an external capacitor.
The error amplifiers reference inputs are clamped to a level
proportional to the SS (soft-start) pin voltage. As the SS pin
voltage slews from about 1.25V to 2.5V, the input clamp
allows a rapid and controlled output voltage rise.
Figures 7 (ISL6504) and 8 (ISL6504A) show the soft-start
sequence for the typical application start-up into a sleep
state. At time T0 5VSB (bias) is applied to the circuit. At time
T1, the 5VSB surpasses POR level. An internal fast charge
circuit quickly raises the SS capacitor voltage to
approximately 1V, then the 10
µA current source continues
the charging.
The soft-start capacitor voltage reaches approximately
1.25V at time T2, at which point the 3.3VDUAL/3.3VSB and
1.5VSB error amplifiers’ reference inputs start their
transition, resulting in the output voltages ramping up
proportionally. The ramp-up continues until time T3 when the
two voltages reach the set value. As the soft-start capacitor
voltage reaches approximately 2.75V, the undervoltage
monitoring circuit of this output is activated and the soft-start
capacitor is quickly discharged to approximately 1.25V.
Following the 3ms (typical) time-out between T3 and T4, the
soft-start capacitor commences a second ramp-up designed
to smoothly bring up the remainder of the voltages required
by the system. At time T5, voltages are within regulation
limits, and as the SS voltage reaches 2.75V, all the
remaining UV monitors are activated and the SS capacitor is
quickly discharged to 1.25V, where it remains until the next
transition. As the 1.2VVID output is only active while in an
active state, it does not come up, but rather waits until the
main ATX outputs come up within regulation limits.
Soft-Start into Active States (S0, S1)
If both S3 and S5 are logic high at the time the 5VSB is
applied, the ISL6504/A will assume active state wake-up and
keep off the required outputs until some time (typically
25ms) after the monitored main ATX output (3.3V) exceeds
the set threshold. This time-out feature is necessary in order
to ensure the main ATX outputs are stabilized. The time-out
also assures smooth transitions from sleep into active when
sleep states are being supported. 3.3VDUAL/3.3VSB and
1.5VSB outputs will come up right after bias voltage
surpasses POR level.
0V
0V
TIME
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGES
VOUT1 (1.5VSB)
VOUT4 (5VDUAL) IF S3
T1 T2
T3
T0
5VSB
(1V/DIV)
T5
T4
VOUT3 (3.3VDUAL/3.3VSB)
VOUT2
(1.2VVID)
VOUT4 (5VDUAL) if S5
FIGURE 7. SOFT-START INTERVAL IN A SLEEP
STATE; ISL6504
0V
0V
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGES
VOUT1 (1.5VSB)
VOUT4 (5VDUAL)
T1 T2
T3
T0
5VSB
(1V/DIV)
T5
T4
VOUT3 (3.3VDUAL/3.3VSB)
VOUT2
(1.2VVID)
FIGURE 8. SOFT-START INTERVAL IN A SLEEP
STATE; ISL6054A
TIME
ISL6504, ISL6504A


Similar Part No. - ISL6504CR-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6504CR RENESAS-ISL6504CR Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504CRZ RENESAS-ISL6504CRZ Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - ISL6504CR-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com