Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6528CBZ-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6528CBZ-T
Description  Dual Regulator - Standard Buck PWM and Linear Power Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6528CBZ-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6528CBZ-T Datasheet HTML 1Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 2Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 3Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 4Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 5Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 6Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 7Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 8Page - Intersil Corporation ISL6528CBZ-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN9038.3
ISL6528
Dual Regulator - Standard Buck PWM
and Linear Power Controller
The ISL6528 provides the power control and protection for
two output voltages in high-performance graphics cards and
other embedded processor applications. The dual-output
controller drives an N-Channel MOSFET in a standard buck
topology and a NPN pass transistor in a linear configuration.
The ISL6528 provides both a regulated high current, low
voltage supply and an independent, lower current supply
integrated in an 8-lead SOIC package. The controller is ideal
for graphics card applications where both graphics
processing unit (GPU) and memory supplies are required.
The standard buck converter is a simple, single feedback
loop, voltage-mode control with fast transient response. Both
the switching regulator and linear regulator provide a
maximum static regulation tolerance of ±2% over line, load,
and temperature ranges. Each output is user-adjustable by
means of external resistors.
An integrated soft-start feature brings both supplies into
regulation in a controlled manner. Each output is monitored
via the FB pins for undervoltage events. If either output
drops below 52.5% of the internal reference voltage, both
regulators are shutdown.
Features
• Pb-Free Available (RoHS Compliant)
• Provides two regulated voltages
- One standard buck PWM
- One linear controller
• Small converter size
- 600kHz constant frequency operation
- Small external component count
• Excellent output voltage regulation
- Both outputs: ±2% over temperature
• Single 5V bias and bootstrap supply
• Output voltage range: 0.8V to 3.3V
• Simple single-loop voltage-mode PWM control design
• Fast PWM converter transient response
- High-bandwidth error amplifier
- Full 0–100% duty ratio
• Linear controller drives bipolar linear pass transistor
• Fully-adjustable outputs
• Undervoltage fault monitoring on both outputs
Applications
• Graphics–GPU and memory supplies
• ASIC power supplies
• Embedded processor and I/O supplies
• DSP supplies
Related Literature
• Technical Brief TB363 Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)
Pinout
ISL6528
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER TEMP. RANGE (oC)
PACKAGE
PKG.
DWG. #
ISL6528CB
0 to 70
8 Ld SOIC
M8.15
ISL6528CB-T
8Ld SOIC Tape and Reel
ISL6528CBZ
(See Note)
0 to 70
8 Ld SOIC
(Pb-free)
M8.15
ISL6528CBZ-T
(See Note)
8Ld SOIC Tape and Reel (Pb-free)
ISL6528EVAL1
Evaluation Board
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020.
GND
VCC
DRIVE2
FB2
UGATE
FB
COMP
BOOT
8
7
6
5
1
2
3
4
Data Sheet
December 28, 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6528CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528CBZ-T INTERSIL-ISL6528CBZ-T Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528CBZ-T RENESAS-ISL6528CBZ-T Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
More results

Similar Description - ISL6528CBZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
282Kb / 14P
   Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
logo
Intersil Corporation
ISL6529A INTERSIL-ISL6529A Datasheet
376Kb / 15P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
logo
uPI Group Inc.
UP6161 UPI-UP6161 Datasheet
500Kb / 15P
   Single 12V Input Supply Dual Regulator - Synchronous-Buck-PWM and Linear-Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com