Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6529ACB Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6529ACB
Description  Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6529ACB Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6529ACB Datasheet HTML 7Page - Intersil Corporation ISL6529ACB Datasheet HTML 8Page - Intersil Corporation ISL6529ACB Datasheet HTML 9Page - Intersil Corporation ISL6529ACB Datasheet HTML 10Page - Intersil Corporation ISL6529ACB Datasheet HTML 11Page - Intersil Corporation ISL6529ACB Datasheet HTML 12Page - Intersil Corporation ISL6529ACB Datasheet HTML 13Page - Intersil Corporation ISL6529ACB Datasheet HTML 14Page - Intersil Corporation ISL6529ACB Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN9127.1
December 28, 2004
A multi-layer printed circuit board is recommended. Figure 8
shows the connections of the critical components in the
converter. Note that capacitors CIN and COUT could each
represent numerous physical capacitors. Dedicate one solid
layer, usually a middle layer of the PC board, for a ground
plane and make all critical component ground connections
through vias to this layer. Dedicate another solid layer as a
power plane and break this plane into smaller islands of
common voltage levels. Keep the metal runs from the
PHASE terminal to the output inductor short. The power
plane should support the input and output power nodes. Use
copper filled polygons on the top and bottom circuit layers for
the phase node. Use the remaining printed circuit layers for
small signal wiring. The wiring traces from the UGATE pin to
the MOSFET gate should be kept short and wide enough to
easily handle the 1A of drive current.
The switching components should be placed close to the
ISL6529A first. Minimize the length of the connections
between the input capacitors, CIN, and the power switches
by placing them nearby. Position both the ceramic and bulk
input capacitors as close to the upper MOSFET drain as
possible. Position the output inductor and output capacitors
between the upper MOSFET and lower diode and the load.
The critical small signal components include any bypass
capacitors, feedback components, and compensation
components. Position the bypass capacitors, CBP, close to
the VCC pin with a via directly to the ground plane. Place the
PWM converter compensation components close to the FB
and COMP pins. The feedback resistors for both regulators
should also be located as close as possible to the relevant
FB pin with vias tied straight to the ground plane as required.
Component Selection Guidelines
Output Capacitor Selection
Output capacitors are required to filter the output and supply
the load transient current. The filtering requirements are a
function of switching frequency and output current ripple.
The load transient requirements are a function of the
transient load current slew rate (di/dt) and magnitude. These
requirements are generally met with a mix of capacitors and
careful layout.
PWM Regulator Output Capacitors
Modern digital ICs can produce high transient load slew
rates. High frequency capacitors initially supply the transient
current and slow the load rate-of-change seen by the bulk
capacitors. The bulk filter capacitor selection is generally
determined by the effective series resistance (ESR) and
voltage rating requirements rather than actual capacitance
requirements.
High frequency decoupling capacitors should be placed as
close to the power pins of the load as physically possible. Be
careful not to add inductance in the circuit board wiring that
could cancel the usefulness of these low inductance
components. Consult with the manufacturer of the load on
specific decoupling requirements.
Specialized low-ESR capacitors intended for switching-
regulator applications are recommended for the bulk
capacitors. The bulk capacitor’s ESR determines the output
ripple voltage and the initial voltage drop following a high
slew-rate transient edge. Aluminum electrolytic, tantalum,
and special polymer capacitor ESR values are related to the
case size with lower ESR available in larger case sizes.
However, the equivalent series inductance (ESL) of these
capacitors increases with case size and can reduce the
usefulness of the capacitor to high slew-rate transient
loading. Unfortunately, ESL is not a specified parameter.
Work with your capacitor supplier and measure the
capacitor’s impedance with frequency to select a suitable
component. In most cases, multiple electrolytic capacitors of
small case size perform better than a single large case
capacitor.
PWM Output Inductor Selection
The PWM converter requires an output inductor. The output
inductor is selected to meet the output voltage ripple
requirements and sets the converter response time to a load
transient. The inductor value determines the converter’s
VOUT1
+5 VCC
ISLAND ON POWER PLANE LAYER
ISLAND ON CIRCUIT PLANE LAYER
LOUT
COUT1
CIN
+3.3 VIN
KEY
COMP
ISL6529A
UGATE
R4
R2
CBP
FB
DRIVE2
GND
5VCC
FIGURE 8. PRINTED CIRCUIT BOARD POWER PLANES
AND ISLANDS
R1
VOUT2
FB2
C2
VIA CONNECTION TO GROUND PLANE
COUT2
Q1
+3.3 VIN
R5
R6
PHASE
R3
C3
C1
Q2
+12 VCC
CBP
PGND
12VCC
Q3
LGATE
ISL6529A


Similar Part No. - ISL6529ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529ACB INTERSIL-ISL6529ACB Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529ACB RENESAS-ISL6529ACB Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
logo
Intersil Corporation
ISL6529ACB-T INTERSIL-ISL6529ACB-T Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
ISL6529ACBZ INTERSIL-ISL6529ACBZ Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529ACBZ RENESAS-ISL6529ACBZ Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
More results

Similar Description - ISL6529ACB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6529 INTERSIL-ISL6529 Datasheet
623Kb / 19P
   Dual Regulator.Synchronous Rectified Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6529 RENESAS-ISL6529 Datasheet
1Mb / 20P
   Dual Regulator?밪ynchronous Rectified Buck PWM and Linear Power Controllers
ISL6549 RENESAS-ISL6549 Datasheet
854Kb / 18P
   Single 12V Input Supply Dual Regulator ?봖ynchronous Rectified Buck PWM and Linear Power Controller
logo
Intersil Corporation
ISL6549 INTERSIL-ISL6549 Datasheet
438Kb / 18P
   Single 12V Input Supply Dual Regulator Synchronous Rectified Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220A ONSEMI-NCP5220A Datasheet
172Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
December, 2005 ??Rev. 4
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
ON Semiconductor
NCP5220 ONSEMI-NCP5220 Datasheet
174Kb / 18P
   3?뭝n?? PWM Dual Buck and Linear Power Controller
November, 2004 ??Rev. 4
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Silicon Standard Corp.
SS7529 SSC-SS7529 Datasheet
587Kb / 8P
   Synchronous Buck PWM and Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com