Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6522IVZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6522IVZ
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522IVZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6522IVZ Datasheet HTML 1Page - Intersil Corporation ISL6522IVZ Datasheet HTML 2Page - Intersil Corporation ISL6522IVZ Datasheet HTML 3Page - Intersil Corporation ISL6522IVZ Datasheet HTML 4Page - Intersil Corporation ISL6522IVZ Datasheet HTML 5Page - Intersil Corporation ISL6522IVZ Datasheet HTML 6Page - Intersil Corporation ISL6522IVZ Datasheet HTML 7Page - Intersil Corporation ISL6522IVZ Datasheet HTML 8Page - Intersil Corporation ISL6522IVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN9030.7
March 4, 2005
Typical Application
Block Diagram
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6522CB
0 to 70
14 Ld SOIC
M14.15
ISL6522CBZ (Note)
0 to 70
14 Ld SOIC (Pb-free) M14.15
ISL6522CBZA
(Note)
0 to 70
14 Ld SOIC (Pb-free) M14.15
ISL6522IB
-40 to 85
14 Ld SOIC
M14.15
ISL6522IBZ (Note)
-40 to 85
14 Ld SOIC (Pb-free) M14.15
ISL6522CV
0 to 70
14 Ld TSSOP
M14.173
ISL6522CVZ
(Note)
0 to 70
14 Ld TSSOP
(Pb-free)
M14.173
ISL6522IV
-40 to 85
14 Ld TSSOP
M14.173
ISL6522IVZ (Note)
-40 to 85
14 Ld TSSOP
(Pb-free)
M14.173
ISL6522CR
0 to 70
16 Ld 5x5 QFN
L16.5x5B
ISL6522CRZ
(Note)
0 to 70
16 Ld 5x5 QFN
(Pb-free)
L16.5x5B
ISL6522IR
-40 to 85
16 Ld 5x5 QFN
L16.5x5B
ISL6522IRZ (Note)
-40 to 85
16 Ld 5x5 QFN
(Pb-free)
L16.5x5B
NOTE: Intersil Pb-free products employ special Pb-free material sets;
molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with
both SnPb and Pb-free soldering operations. Intersil Pb-free products
are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
Add “-T” for tape and reel.
Ordering Information (Continued)
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
12V
+VO
PGND
ISL6522
RT
FB
COMP
SS
GND
OSC
LGATE
UGATE
OCSET
PHASE
BOOT
EN
VCC
+5V OR +12V
PVCC +12V
MONITOR AND
PROTECTION
REF
+
-
+
-
OSCILLATOR
SOFT-
START
POWER-ON
RESET (POR)
INHIBIT
PWM
COMPARATOR
ERROR
AMP
VCC
SS
PWM
RT
GND
OCSET
FB
COMP
EN
0.8VREF
OVER
CURRENT
GATE
CONTROL
LOGIC
BOOT
UGATE
LGATE
PHASE
PGND
200
µA
PVCC
10
µA
4V
REFERENCE
+
-
+
-
+
-
ISL6522


Similar Part No. - ISL6522IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6522IVZ INTERSIL-ISL6522IVZ Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522IVZ RENESAS-ISL6522IVZ Datasheet
828Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522IVZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com