Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6524ACBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6524ACBZ
Description  VRM8.5 PWM and Triple Linear Power System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6524ACBZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6524ACBZ Datasheet HTML 2Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 3Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 4Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 5Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 6Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 7Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 8Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 9Page - Intersil Corporation ISL6524ACBZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
FN9064.1
April 8, 2005
Functional Pin Descriptions
VCC (Pin 28)
Provide a 12V bias supply for the IC to this pin. This pin also
provides the gate bias charge for all the MOSFETs
controlled by the IC. The voltage at this pin is monitored for
Power-On Reset (POR) purposes.
GND (Pin 17)
Signal ground for the IC. All voltage levels are measured
with respect to this pin.
PGND (Pin 24)
This is the power ground connection. Tie the synchronous
PWM converter’s lower MOSFET source to this pin.
VAUX (Pin 16)
Connect this pin to the ATX 3.3V output. The voltage present
at this pin is monitored for sequencing purposes. This pin
provides the necessary base bias for the NPN pass
transistors, as well as the current sunk through the 5k
Ω VID
pull-up resistors.
SS13 (Pin 13)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 28
µA current source, sets the soft-start
interval of the synchronous switching converter (VOUT1) and
the AGP regulator (VOUT3). A VTTPG high signal is also
delayed by the time interval required by the charging of this
capacitor from 0V to 1.25V (see Soft-Start details).
SS24 (Pin 12)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 28
µA current source, sets the soft-start
interval of the VOUT2 regulator. Pulling this pin below 0.8V
induces a chip reset (POR) and shutdown.
VTTPG (Pin 9)
VTTPG is an open collector output used to indicate the
status of the VOUT2 regulator output voltage. This pin is
pulled low when the VOUT2 output is below the under-
voltage threshold or when the SS13 pin is below 1.25V.
PGOOD (Pin 8)
PGOOD is an open collector output used to indicate the
status of the output voltages. This pin is pulled low when the
synchronous regulator output is not within
±10% of the
DACOUT reference voltage or when any of the other outputs
is below its under-voltage threshold.
VID3, VID2, VID1, VID0, VID25 (Pins 3-7)
VID3-25 are the TTL-compatible input pins to the 5-bit DAC.
The logic states of these five pins program the internal
voltage reference (DACOUT). The level of DACOUT sets the
microprocessor core converter output voltage (VOUT1), as
well as the corresponding PGOOD and OVP thresholds.
Each VID pin is connected to the VAUX pin through a 5k
pull-up resistor.
OCSET (Pin 23)
Connect a resistor (ROCSET) from this pin to the drain of the
upper MOSFET. ROCSET, an internal 200µA current source
(IOCSET), and the upper MOSFET’s on-resistance (rDS(ON))
set the converter over-current (OC) trip point according to
the following equation:
An over-current trip cycles the soft-start function.
The voltage at OCSET pin is monitored for power-on reset
(POR) purposes.
PHASE (Pin 26)
Connect the PHASE pin to the PWM converter’s upper
MOSFET source. This pin represents the gate drive return
current path and is used to monitor the voltage drop across
the upper MOSFET for over-current protection.
UGATE (Pin 27)
Connect UGATE pin to the PWM converter’s upper
MOSFET gate. This pin provides the gate drive for the upper
MOSFET.
LGATE (Pin 25)
Connect LGATE to the synchronous PWM converter’s lower
MOSFET gate. This pin provides the gate drive for the lower
MOSFET.
COMP and FB (Pins 20, 21)
COMP and FB are the available external pins of the
synchronous PWM regulator error amplifier. The FB pin is
the inverting input of the error amplifier. Similarly, the COMP
pin is the error amplifier output. These pins are used to
compensate the voltage-mode control feedback loop of the
synchronous PWM converter.
VSEN1 (Pin 22)
This pin is connected to the synchronous PWM converters’
output voltage. The PGOOD and OVP comparator circuits
use this signal to report output voltage status and for over-
voltage protection.
DRIVE2 (Pin 1)
Connect this pin to the gate/base of a N-type external pass
transistor (MOSFET or bipolar). This pin provides the drive
for the 1.2V regulator’s pass transistor.
VSEN2 (Pin 11)
Connect this pin to the output of the standard buck PWM
regulator. The voltage at this pin is regulated to a 1.2V level.
This pin is also monitored for under-voltage events.
FIX (Pin 2)
Grounding this pin bypasses the internal resistor dividers that
set the output voltage of the 1.5V and 1.8V linear regulators.
IPEAK
IOCSET ROCSET
×
rDS ON
()
----------------------------------------------------
=


Similar Part No. - ISL6524ACBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6524ACBZ RENESAS-ISL6524ACBZ Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
ISL6524ACBZA-T RENESAS-ISL6524ACBZA-T Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
More results

Similar Description - ISL6524ACBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524 INTERSIL-ISL6524 Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Renesas Technology Corp
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Intersil Corporation
ISL6523A INTERSIL-ISL6523A Datasheet
408Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
ISL6523 INTERSIL-ISL6523 Datasheet
498Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
List of Unclassifed Man...
RT9238 ETC-RT9238 Datasheet
434Kb / 24P
   VRM 8.5 PWM AND TRIPLE LINEAR POWER SYSTEM CONTROLLER
logo
Intersil Corporation
HIP6521 INTERSIL-HIP6521_06 Datasheet
354Kb / 13P
   PWM and Triple Linear Power Controller
logo
Renesas Technology Corp
HIP6521 RENESAS-HIP6521 Datasheet
643Kb / 13P
   PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com