Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-2103 Datasheet(PDF) 38 Page - Analog Devices

Part # ADSP-2103
Description  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2103 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADSP-2103_15 Datasheet HTML 34Page - Analog Devices ADSP-2103_15 Datasheet HTML 35Page - Analog Devices ADSP-2103_15 Datasheet HTML 36Page - Analog Devices ADSP-2103_15 Datasheet HTML 37Page - Analog Devices ADSP-2103_15 Datasheet HTML 38Page - Analog Devices ADSP-2103_15 Datasheet HTML 39Page - Analog Devices ADSP-2103_15 Datasheet HTML 40Page - Analog Devices ADSP-2103_15 Datasheet HTML 41Page - Analog Devices ADSP-2103_15 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
ADSP-21xx
–38–
REV. B
TIMING PARAMETERS (ADSP-2111)
HOST INTERFACE PORT
Separate Data & Address (HMD1 = 0)
Read/Write Strobe & Data Strobe (HMD0 = 1)
13.0 MHz
16.67 MHz
20 MHz
No Frequency
Parameter
Min
Max
Min
Max
Min
Max
Dependency
Unit
Timing Requirement:
tHSU
HA2-0, HRW Setup before Start of Write or Read
1
888
ns
tHDSU Data Setup before End of Write
2
888
ns
tHWDH Data Hold after End of Write
2
333
ns
tHH
HA2-0, HRW Hold after End of Write or Read
2
333
ns
tHRWP Read or Write Pulse Width
3
30
30
30
ns
Switching Characteristic:
tHSHK HACK Low after Start of Write or Read
1
020
0
20
020
ns
tHKH HACK Hold after End of Write or Read
2
020
0
20
020
ns
tHDE
Data Enabled after Start of Read
1
000
ns
tHDD Data Valid after Start of Read
1
23
23
23
ns
tHRDH Data Hold after End of Read
2
000
ns
tHRDD Data Disabled after End of Read
2
10
10
10
ns
NOTES
1Start of Write or Read = HDS Low and HSEL Low.
2End of Write or Read = HDS High or HSEL High.
3Read or Write Pulse Width = HDS Low and HSEL Low.


Similar Part No. - ADSP-2103_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2103BP-40 AD-ADSP-2103BP-40 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103BP-40 AD-ADSP-2103BP-40 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103BP-40 AD-ADSP-2103BP-40 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103BP-40 AD-ADSP-2103BP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103BS-40 AD-ADSP-2103BS-40 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2103_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115KP-80 AD-ADSP-2115KP-80 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com