Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6523CBZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6523CBZ
Description  VRM8.5 Dual PWM and Dual Linear Power System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6523CBZ Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6523CBZ Datasheet HTML 1Page - Intersil Corporation ISL6523CBZ Datasheet HTML 2Page - Intersil Corporation ISL6523CBZ Datasheet HTML 3Page - Intersil Corporation ISL6523CBZ Datasheet HTML 4Page - Intersil Corporation ISL6523CBZ Datasheet HTML 5Page - Intersil Corporation ISL6523CBZ Datasheet HTML 6Page - Intersil Corporation ISL6523CBZ Datasheet HTML 7Page - Intersil Corporation ISL6523CBZ Datasheet HTML 8Page - Intersil Corporation ISL6523CBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Functional Pin Descriptions
VCC (Pin 28)
Provide a 12V bias supply for the IC to this pin. This pin also
provides the gate bias charge for all the MOSFETs
controlled by the IC. The voltage at this pin is monitored for
Power-On Reset (POR) purposes.
GND (Pin 17)
Signal ground for the IC. All voltage levels are measured with
respect to this pin.
PGND (Pin 24)
This is the power ground connection. Tie the synchronous
PWM converter’s lower MOSFET source to this pin.
VAUX (Pin 16)
Connect this pin to the ATX 3.3V output. The voltage present
at this pin is monitored for sequencing purposes. This pin
provides the necessary base bias for the NPN pass
transistors, as well as the current sunk through the 5k
Ω VID
pull-up resistors.
SS13 (Pin 13)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 28
µA current source, sets the
soft-start interval of the synchronous switching converter
(VOUT1) and the AGP regulator (VOUT3). A VTTPG high
signal is also delayed by the time interval required by the
charging of this capacitor from 0V to 1.25V (see Soft-Start
details).
SS24 (Pin 12)
Connect a capacitor from this pin to ground. This capacitor,
along with an internal 28
µA current source, sets the
soft-start interval of the standard buck converter. Pulling this
pin below 0.8V induces a chip reset (POR) and shutdown.
VTTPG (Pin 9)
VTTPG is an open collector output used to indicate the
status of the standard buck regulator output voltage. This pin
is pulled low when the output is below the under-voltage
threshold or when the SS13 pin is below 1.25V.
UGATE1,2 Sink
RUGATE
VGATE-PHASE = 1V
-
1.7
3.5
LGATE Source
ILGATE
VCC = 12V, VLGATE1 = 1V
-
1
-
A
LGATE Sink
RLGATE
VLGATE = 1V
-
1.4
3.0
PROTECTION
OCSET1,2 Current Source
IOCSET
VOCSET = 4.5VDC
170
200
230
µA
Soft-Start Current
ISS13,24
VSS13,24 = 2.0VDC
-28-
µA
POWER GOOD
VSEN1 Upper Threshold
(VSEN1/DACOUT)
VSEN1 Rising
108
-
110
%
VSEN1 Under-Voltage
(VSEN1/DACOUT)
VSEN1 Rising
92
-
94
%
VSEN1 Hysteresis (VSEN1/DACOUT)
VSEN1 Falling
-
2
-
%
PGOOD Voltage Low
VPGOOD
IPGOOD = -4mA
-
-
0.8
V
VSEN2 Under-Voltage
VSEN2 Rising
1.00
V
VSEN2 Hysteresis
VSEN2 Falling
-
60
-
mV
VTTPG Voltage Low
VVTTPG
IVTTPG = -4mA
-
-
0.8
V
NOTE:
2. Guaranteed by design
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Figures 1, 2 and 3 (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Typical Performance Curve
FIGURE 4. BIAS SUPPLY CURRENT vs FREQUENCY
100
200
300
400
500
600
700
800
900
1000
SWITCHING FREQUENCY (kHz)
140
120
100
80
60
40
20
0
C = 660pF
C = 1500pF
C = 3600pF
C = 4800pF
CUGATE1 = CUGATE2 = CLGATE1 = C
VIN = 5V
VCC = 12V
ISL6523


Similar Part No. - ISL6523CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6523CBZ RENESAS-ISL6523CBZ Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
More results

Similar Description - ISL6523CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6523 RENESAS-ISL6523 Datasheet
923Kb / 17P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Intersil Corporation
ISL6523A INTERSIL-ISL6523A Datasheet
408Kb / 16P
   VRM8.5 Dual PWM and Dual Linear Power System Controller
logo
Renesas Technology Corp
ISL6524A RENESAS-ISL6524A Datasheet
873Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524 INTERSIL-ISL6524 Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
ISL6524A INTERSIL-ISL6524A Datasheet
453Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Renesas Technology Corp
ISL6524 RENESAS-ISL6524 Datasheet
838Kb / 17P
   VRM8.5 PWM and Triple Linear Power System Controller
logo
Intersil Corporation
ISL6524CB INTERSIL-ISL6524CB Datasheet
445Kb / 16P
   VRM8.5 PWM and Triple Linear Power System Controller
April 18, 2005
logo
Renesas Technology Corp
HIP6020 RENESAS-HIP6020 Datasheet
801Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
February 1999
logo
Intersil Corporation
HIP6020 INTERSIL-HIP6020 Datasheet
139Kb / 15P
   Advanced Dual PWM and Dual Linear Power Controller
logo
List of Unclassifed Man...
RT9229 ETC1-RT9229 Datasheet
219Kb / 10P
   Advaced Dual PWM and Dual Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com