Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6522IV Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6522IV
Description  Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6522IV Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6522IV Datasheet HTML 6Page - Intersil Corporation ISL6522IV Datasheet HTML 7Page - Intersil Corporation ISL6522IV Datasheet HTML 8Page - Intersil Corporation ISL6522IV Datasheet HTML 9Page - Intersil Corporation ISL6522IV Datasheet HTML 10Page - Intersil Corporation ISL6522IV Datasheet HTML 11Page - Intersil Corporation ISL6522IV Datasheet HTML 12Page - Intersil Corporation ISL6522IV Datasheet HTML 13Page - Intersil Corporation ISL6522IV Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FN9030.7
March 4, 2005
ISL6522 DC-DC Converter Application
Circuit
Figure 11 shows a DC-DC converter circuit for a
microprocessor application, originally designed to employ
the HIP6006 controller. Given the similarities between the
HIP6006 and ISL6522 controllers, the circuit can be
implemented using the ISL6522 controller without any
modifications. Detailed information on the circuit, including a
complete bill of materials and circuit board description, can
be found in Application Note AN9722. See Intersil’s home
page on the web: http://www.intersil.com.
ISL6522
RT
FB
COMP
SS
REF
-
+
GND
+
-
OSC
VCC
VIN
C1-3
L1
C6-9
0.1
µF
2x 1
µF
0.1
µF
1
µF
15K
3x 680
µF
4x 1000
µF
UGATE
OCSET
PHASE
BOOT
SPARE
CR1
Q1
3.01K
1000pF
CR2
C13
R1
R4
C15
R5
C14
C12
C17-18
C19
R6
C20
4148
U1
RTN
12VCC
14
2
10
9
8
7
4
5
1
3
SPARE
PGND
LGATE
12
11
PVCC
13
JP1
Q2
1206
1206
MBR
340
VOUT
RTN
ENABLE
R2
1K
COMP
TP1
PHASE
TP2
6
R7
10K
MONITOR AND
PROTECTION
+
-
+
-
C16
0.01
µF
33pF
SPARE
Component Selection Notes:
C1-C3 - Three each 680
µF 25W VDC, Sanyo MV-GX or equivalent.
C6-C9 - Four each 1000
µF 6.3W VDC, Sanyo MV-GX or equivalent.
L1 - Core: micrometals T50-52B; winding: ten turns of 17AWG.
CR1 - 1N4148 or equivalent.
CR2 - 3A, 40V Schottky, Motorola MBR340 or equivalent.
Q1, Q2 - Fairchild MOSFET; RFP25N05
FIGURE 11. DC-DC CONVERTER APPLICATION CIRCUIT
R3
1K
ISL6522


Similar Part No. - ISL6522IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6522IV INTERSIL-ISL6522IV Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522IV RENESAS-ISL6522IV Datasheet
828Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522IVZ INTERSIL-ISL6522IVZ Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522IVZ RENESAS-ISL6522IVZ Datasheet
828Kb / 16P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results

Similar Description - ISL6522IV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6006 INTERSIL-HIP6006 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525 Datasheet
120Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012_04 Datasheet
357Kb / 12P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522 INTERSIL-ISL6522_06 Datasheet
482Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525CB INTERSIL-ISL6525CB Datasheet
527Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
December 27, 2004
logo
Renesas Technology Corp
ISL6525 RENESAS-ISL6525 Datasheet
754Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
logo
Intersil Corporation
ISL6522A INTERSIL-ISL6522A Datasheet
441Kb / 13P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
HIP6012 INTERSIL-HIP6012 Datasheet
106Kb / 10P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6525 INTERSIL-ISL6525_04 Datasheet
521Kb / 11P
   Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller
ISL6522B INTERSIL-ISL6522B Datasheet
454Kb / 15P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
logo
Renesas Technology Corp
ISL6522A RENESAS-ISL6522A Datasheet
753Kb / 14P
   Buck and Synchronous Rectifier Pulse-Width Modulator (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com