Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ISL6523 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL6523
Description  VRM8.5 Dual PWM and Dual Linear Power System Controller
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL6523 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
PWM1
+5VIN
VOUT1
Q1
Q2
Q3
VOUT2
Q4
VOUT3
VOUT4
PWM2
LINEAR
LINEAR
ISL6523
CONTROLLER
CONTROLLER
CONTROLLER
CONTROLLER
+3.3VIN
Q5
FIGURE 2. SIMPLIFIED POWER SYSTEM DIAGRAM
VID2
VID1
VID0
VID25
SS24
GND
VCC
+5VIN
VID3
+12VIN
VOUT1
PGND
VSEN1
PGOOD
LGATE1
UGATE1
OCSET1
PHASE1
Q1
Q2
POWERGOOD
FB1
COMP1
1.3V to 3.5V
SS13
UGATE2
PHASE2
Q3
CR2
VSEN2
DRIVE3
VSEN3
VSEN4
COUT4
1.5V
1.8V
COUT3
COUT2
CIN
COUT1
Q4
LOUT2
LOUT1
ISL6523
VOUT2
VOUT3
VOUT4
1.2V
VTTPG
CSS24
Q5
+3.3VIN
LIN
DRIVE4
VAUX
OCSET2
CSS13
VTT POWERGOOD
FIGURE 3. TYPICAL APPLICATION
ISL6523


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn