Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6505AEVAL2 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6505AEVAL2
Description  Multiple Linear Power Controller with ACPI Control Interface
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6505AEVAL2 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6505AEVAL2 Datasheet HTML 5Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 6Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 7Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 8Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 9Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 10Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 11Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 12Page - Intersil Corporation ISL6505AEVAL2 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
Soft-Start into Sleep States (S3, S4/S5)
The 5VSB POR function initiates the soft-start sequence. An
internal 10µA current source charges an external capacitor.
The error amplifiers’ reference inputs are clamped to a level
proportional to the SS (soft-start) pin voltage. As the SS pin
voltage slews from about 1.4V to 3.0V, the input clamp
allows a rapid and controlled output voltage rise.
Figures 7 (EN5 = low) and 8 (EN5 = high) show the soft-start
sequence for the typical application start-up into a sleep
state. At time T0 5VSB (bias) is applied to the circuit. At time
T1, the 5VSB surpasses POR level. An internal fast charge
circuit quickly raises the SS capacitor voltage to
approximately 1V, then the 10
µA current source continues
the charging.
The soft-start capacitor voltage reaches approximately 1.4V
at time T2, at which point the 3.3VDUAL/3.3VSB and VOUT1
error amplifiers’ reference inputs start their transition,
resulting in the output voltages ramping up proportionally.
The ramp-up continues until time T3 when the two voltages
reach the set value. As the soft-start capacitor voltage
reaches approximately 3.0V, the undervoltage monitoring
circuit of this output is activated and the soft-start capacitor
is quickly discharged to approximately 1.4V. Following the
3ms (typical) time-out between T3 and T4, the soft-start
capacitor commences a second ramp-up designed to
smoothly bring up the remainder of the voltages required by
the system. At time T5, voltages are within regulation limits,
and as the SS voltage reaches 3.0V, all the remaining UV
monitors are activated and the SS capacitor is quickly
discharged to 1.4V, where it remains until the next transition.
As the 1.2VVID output is only on while in an active state, it
does not come up, but rather waits until the main ATX
outputs come up within regulation limits.
Note that in Figures 7 and 8, LAN = 5V/open. If the LAN pin
is connected to GND instead, then the VOUT1 output does
not turn on at all in either sleep mode (S3 or S4/S5).
Soft-Start into Active States (S0, S1)
If both S3 and S5 are logic high at the time the 5VSB is
applied, the ISL6505 will assume active state wake-up and
keep off the required outputs until some time (typically
50ms) after the monitored main ATX outputs (3.3V and 5V;
12V is not monitored here) exceed the set thresholds. This
time-out feature is necessary in order to ensure the main
ATX outputs are stabilized. The time-out also assures
smooth transitions from sleep into active when sleep states
0V
0V
TIME
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGES
VOUT1
VOUT4 (5VDUAL) if S3
T1 T2
T3
T0
5VSB
(1V/DIV)
T5
T4
VOUT3 (3.3VDUAL/3.3VSB)
VOUT2
(1.2VVID)
VOUT4 (5VDUAL) if S5
FIGURE 7. SOFT-START INTERVAL IN A SLEEP STATE;
EN5 = GND; LAN = 5V/OPEN
0V
0V
SOFT-START
(1V/DIV)
OUTPUT
(1V/DIV)
VOLTAGES
VOUT1
VOUT4 (5VDUAL)
T1 T2
T3
T0
5VSB
(1V/DIV)
T5
T4
VOUT3 (3.3VDUAL/3.3VSB)
VOUT2
(1.2VVID)
FIGURE 8. SOFT-START INTERVAL IN A SLEEP STATE;
EN5 = 5V/OPEN; LAN = 5V/OPEN
TIME
ISL6505


Similar Part No. - ISL6505AEVAL2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6505 RENESAS-ISL6505 Datasheet
861Kb / 18P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6505CB RENESAS-ISL6505CB Datasheet
861Kb / 18P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6505CR RENESAS-ISL6505CR Datasheet
861Kb / 18P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6505CRZ RENESAS-ISL6505CRZ Datasheet
861Kb / 18P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6505EVAL1 RENESAS-ISL6505EVAL1 Datasheet
861Kb / 18P
   Multiple Linear Power Controller with ACPI Control Interface
More results

Similar Description - ISL6505AEVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
   Multiple Linear Power Controller with ACPI Control Interface
May 2000
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
   Multiple Linear Power Controller with ACPI Control Interface
logo
Renesas Technology Corp
ISL6506 RENESAS-ISL6506 Datasheet
535Kb / 9P
   Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
   Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com