Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6431A Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6431A
Description  Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6431A Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6431A Datasheet HTML 2Page - Intersil Corporation ISL6431A Datasheet HTML 3Page - Intersil Corporation ISL6431A Datasheet HTML 4Page - Intersil Corporation ISL6431A Datasheet HTML 5Page - Intersil Corporation ISL6431A Datasheet HTML 6Page - Intersil Corporation ISL6431A Datasheet HTML 7Page - Intersil Corporation ISL6431A Datasheet HTML 8Page - Intersil Corporation ISL6431A Datasheet HTML 9Page - Intersil Corporation ISL6431A Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
ISL6431A
Small Outline Plastic Packages (SOIC)
INDEX
AREA
E
D
N
12
3
-B-
0.25(0.010)
C A
M
BS
e
-A-
L
B
M
-C-
A1
A
SEATING PLANE
0.10(0.004)
h x 45o
C
H
µ
0.25(0.010)
B
M
M
α
NOTES:
1. Symbols are defined in the “MO Series Symbol List” in Section 2.2 of
Publication Number 95.
2. Dimensioning and tolerancing per ANSI Y14.5M-1982.
3. Dimension “D” does not include mold flash, protrusions or gate burrs.
Mold flash, protrusion and gate burrs shall not exceed 0.15mm (0.006
inch) per side.
4. Dimension “E” does not include interlead flash or protrusions. Inter-
lead flash and protrusions shall not exceed 0.25mm (0.010 inch) per
side.
5. The chamfer on the body is optional. If it is not present, a visual index
feature must be located within the crosshatched area.
6. “L” is the length of terminal for soldering to a substrate.
7. “N” is the number of terminal positions.
8. Terminal numbers are shown for reference only.
9. The lead width “B”, as measured 0.36mm (0.014 inch) or greater
above the seating plane, shall not exceed a maximum value of
0.61mm (0.024 inch).
10. Controlling dimension: MILLIMETER. Converted inch dimensions
are not necessarily exact.
M8.15 (JEDEC MS-012-AA ISSUE C)
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC
PACKAGE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.05320.06881.35
1.75
-
A1
0.0040
0.0098
0.10
0.25
-
B
0.013
0.020
0.33
0.51
9
C
0.00750.00980.19
0.25
-
D
0.18900.19684.80
5.00
3
E
0.14970.15743.80
4.00
4
e
0.050 BSC
1.27 BSC
-
H
0.22840.24405.80
6.20
-
h
0.00990.01960.25
0.50
5
L
0.016
0.050
0.40
1.27
6
N8
8
7
α
0o
8o
0o
8o
-
Rev. 0 12/93


Similar Part No. - ISL6431A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6431A RENESAS-ISL6431A Datasheet
614Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
ISL6431ACB RENESAS-ISL6431ACB Datasheet
614Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
More results

Similar Description - ISL6431A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6431A RENESAS-ISL6431A Datasheet
614Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
Jul 18, 2002
ISL6431 RENESAS-ISL6431 Datasheet
613Kb / 10P
   Advanced Pulse Width Modulation (PWM) Controller for Broadband Applications
logo
Intersil Corporation
ISL6431 INTERSIL-ISL6431 Datasheet
187Kb / 10P
   Advanced Pulse-Width Modulation (PWM) Controller for Home Gateways
logo
Renesas Technology Corp
ISL8130 RENESAS-ISL8130 Datasheet
1Mb / 23P
   Advanced Single Universal Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL8130 INTERSIL-ISL8130 Datasheet
1Mb / 24P
   Advanced Single Universal Pulse-Width Modulation (PWM) Controller
ISL6420A INTERSIL-ISL6420A Datasheet
605Kb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation PWM Controller
ISL6420B INTERSIL-ISL6420B Datasheet
536Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Renesas Technology Corp
ISL6420 RENESAS-ISL6420 Datasheet
1,008Kb / 20P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
ISL6420A RENESAS-ISL6420A Datasheet
1Mb / 21P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
logo
Intersil Corporation
ISL6420 INTERSIL-ISL6420 Datasheet
525Kb / 19P
   Advanced Single Synchronous Buck Pulse-Width Modulation (PWM) Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com