Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6414 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6414
Description  Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6414 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6414 Datasheet HTML 4Page - Intersil Corporation ISL6414 Datasheet HTML 5Page - Intersil Corporation ISL6414 Datasheet HTML 6Page - Intersil Corporation ISL6414 Datasheet HTML 7Page - Intersil Corporation ISL6414 Datasheet HTML 8Page - Intersil Corporation ISL6414 Datasheet HTML 9Page - Intersil Corporation ISL6414 Datasheet HTML 10Page - Intersil Corporation ISL6414 Datasheet HTML 11Page - Intersil Corporation ISL6414 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
50m
Ω or less to insure stability and optimum transient
response. For stable operation, a ceramic capacitor whose
value is minimum 3.3µF is recommended for VOUT1 for
300mA output current and 2.2µF is recommended for VOUT2
and VOUT3 each at 200mA load current. There is no upper
limit to the output capacitor value. Larger capacitor can
reduce noise and improve load transient response, stability
and PSRR. The output capacitor should be located very close
to VOUT pins to minimize impact of PC board inductances and
should be returned to a clean analog ground.
Input-Output (Dropout) Voltage
A regulator’s minimum input-output voltage differential (or
dropout voltage) determines the lowest usable supply voltage.
In battery-powered systems, this determines the useful end-
of-life battery voltage. Because the ISL6414 uses a P-channel
MOSFET pass transistor, its dropout voltage is a function of
rDS(ON) (typically 0.5) multiplied by the load current.
Noise, PSSR and Transient Response
The ISL6414 is designed to operate with low dropout
voltages and low quiescent current while still maintaining
good noise, transient response, and AC rejection. When
operating from noisy sources, improved supply-noise
rejection and transient response can be achieved by
increasing the values of the input and output bypass
capacitors and through passive filtering techniques.
The ISL6414 load transient response graph is presented in
application note AN1080. Increasing the output capacitor
value and decreasing the ESR attenuates the overshoot.
ISL6414


Similar Part No. - ISL6414

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6414 RENESAS-ISL6414 Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IR RENESAS-ISL6414IR Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IR-T5K RENESAS-ISL6414IR-T5K Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IR-TK RENESAS-ISL6414IR-TK Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IRZ RENESAS-ISL6414IRZ Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
More results

Similar Description - ISL6414

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6412 INTERSIL-ISL6412 Datasheet
182Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6412 INTERSIL-ISL6412_07 Datasheet
208Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Renesas Technology Corp
ISL6414 RENESAS-ISL6414 Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 RENESAS-ISL6411 Datasheet
609Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Nov 24, 2003
ISL6412 RENESAS-ISL6412 Datasheet
540Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6416 RENESAS-ISL6416 Datasheet
504Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Intersil Corporation
ISL6416 INTERSIL-ISL6416 Datasheet
160Kb / 3P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 INTERSIL-ISL6411 Datasheet
256Kb / 4P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com