Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6414 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL6414
Description  Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6414 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL6414 Datasheet HTML 4Page - Intersil Corporation ISL6414 Datasheet HTML 5Page - Intersil Corporation ISL6414 Datasheet HTML 6Page - Intersil Corporation ISL6414 Datasheet HTML 7Page - Intersil Corporation ISL6414 Datasheet HTML 8Page - Intersil Corporation ISL6414 Datasheet HTML 9Page - Intersil Corporation ISL6414 Datasheet HTML 10Page - Intersil Corporation ISL6414 Datasheet HTML 11Page - Intersil Corporation ISL6414 Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Pin Descriptions
OUT1 - This pin is the output for LDO1. Bypass with a
minimum of 2.2
µF, low ESR capacitor to GND for stable
operation.
VIN - Supply input pins. Connect to input power source.
Bypass with 2.2
µF capacitor to GND. Both VIN pins must be
tied together on the PC board, close to the IC.
GND - Ground pin for LDO1 and LDO2.
CC1 - Compensation Capacitor for LDO1. Connect a
0.033µF capacitor from CC1 to GND.
SHDN - Shutdown input for LDO1 and LDO2. Connect to IN
for normal operation. Drive SHDN pin LOW to turn off LDO1
and LDO2.
OUT2 - This pin is the output for LDO2. Bypass with a
minimum of 2.2
µF, low ESR capacitor to GND for stable
operation.
CT - Timing pin for the RESET circuit pulse width.
CC2 - Compensation capacitor for LDO2. Connect a
0.033µF capacitor from CC2 to GND.
OUT3 - This pin is output for LDO3. Bypass with a minimum
of 2.2
µF, low ESR capacitor to GND3 for stable operation.
GND3 - Ground pin for LDO3.
CC3 - Compensation capacitor for LDO3. Connect a
0.033µF capacitor from CC3 to GND3.
SHDN3 - Shutdown input for LDO3. Connect to VIN for
normal operation. Drive SHDN3 pin LOW to turn off LDO3.
FAULT - This is the power good indicator for LDO1. When
the 1.8V output is out of regulation (>±5%, typ.), this pin
goes LOW. This pin also goes LOW during thermal
shutdown and any overcurrent event on LDO1. Connect this
pin to GND, if unused. This pin remains HIGH in the
shutdown mode, as controlled by the SHDN pin (refer to
Figure 19).
RESET - This pin is the active-LOW output of the push-pull
output stage of the integrated reset supervisory circuit. The
reset circuit monitors VIN and asserts a RESET output at this
pin, if VIN falls below the RESET threshold. The RESET
output remains LOW, while the VIN pin voltage is below the
reset threshold, and for at least 25ms, after VIN rises above
the RESET threshold.
RESET - This pin is the active-HIGH output of the push-pull
output stage of the integrated reset supervisory circuit. The
reset circuit monitors VIN and asserts a RESET output at this
pin, if VIN falls below the RESET threshold. The RESET
output remains HIGH, while the VIN pin voltage is below the
RESET threshold, and for at least 25ms, after VIN rises
above the RESET threshold.
Functional Description
The ISL6414 is a 3-in-1 multi-output, low dropout, regulator
designed for wireless chipset power applications. It supplies
three fixed output voltages 1.8V, 2.84V and 2.84V. The 1.8V
output from LDO1 remains active down to a VIN = 2.7V
(min.), ensuring proper BBP/MAC operation. Each LDO
consists of a 1.2V reference, error amplifier, MOSFET driver,
P-Channel pass transistor, dual-mode comparator and
internal feedback voltage divider.
The 1.2V band gap reference is connected to the error
amplifier’s inverting input. The error amplifier compares this
reference to the selected feedback voltage and amplifies the
difference. The MOSFET driver reads the error signal and
applies the appropriate drive to the P-Channel pass
transistor. If the feedback voltage is lower then the reference
voltage, the pass transistor gate is pulled lower, allowing
more current to pass and increasing the output voltage. If the
feedback voltage is higher then the reference voltage, the
pass transistor gate is driven higher, allowing less current to
pass to the output. The output voltage is fed back through an
internal resistor divider connected to OUT1/2/3 pins.
Additional blocks include an output overcurrent protection,
reverse battery protection, thermal sensor, fault detector,
RESET function and shutdown logic.
Internal P-Channel Pass Transistors
The ISL6414 features a typical 0.5
Ω rDS(ON) P-channel
MOSFET pass transistors. This provides several advantages
over similar designs using PNP bipolar pass transistors. The
P-Channel MOSFET requires no base drive, which reduces
quiescent current considerably. PNP based regulators waste
considerable current in dropout when the pass transistor
saturates. They also use high base drive currents under
large loads. The ISL6414 does not suffer from these
problems.
Integrated RESET for MAC/ Baseband Processors
The ISL6414 includes a microprocessor supervisory block.
This block eliminates the extra RESET IC and external
components needed in wireless chipset applications. This
block performs a single function; it asserts a RESET signal
whenever the VIN supply voltage decreases below a preset
threshold, keeping it asserted for a programmable time (set
by external capacitor CT) after the VIN pin voltage has risen
above the RESET threshold.
The push pull output stage of the reset circuit provides both
an active-Low and an active-HIGH output. This function is
guaranteed to be in the correct state for VIN down to 1V. The
reset comparator is designed to ignore transients on the VIN
pin. The RESET threshold for ISL6414 is 2.63V typical.
In addition to issuing a reset to the microprocessor during
power-up, power down and brownout conditions, this block
is relatively immune to short duration, negative-going VIN
transients/glitches.
ISL6414


Similar Part No. - ISL6414

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6414 RENESAS-ISL6414 Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IR RENESAS-ISL6414IR Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IR-T5K RENESAS-ISL6414IR-T5K Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IR-TK RENESAS-ISL6414IR-TK Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6414IRZ RENESAS-ISL6414IRZ Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
More results

Similar Description - ISL6414

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6412 INTERSIL-ISL6412 Datasheet
182Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6412 INTERSIL-ISL6412_07 Datasheet
208Kb / 10P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Renesas Technology Corp
ISL6414 RENESAS-ISL6414 Datasheet
657Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 RENESAS-ISL6411 Datasheet
609Kb / 12P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
Nov 24, 2003
ISL6412 RENESAS-ISL6412 Datasheet
540Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6416 RENESAS-ISL6416 Datasheet
504Kb / 11P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Intersil Corporation
ISL6416 INTERSIL-ISL6416 Datasheet
160Kb / 3P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
ISL6411 INTERSIL-ISL6411 Datasheet
256Kb / 4P
   Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
logo
Monolithic Power System...
MP6401 MPS-MP6401 Datasheet
318Kb / 16P
   300mA LDO Linear Regulator with Integrated Reset Circuit
logo
RICOH electronics devic...
R5510HXXXX RICOH-R5510HXXXX Datasheet
274Kb / 28P
   LDO Regulator with Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com