Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6413IR Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6413IR
Description  Triple Output Regulator with Single Synchronous Buck and Dual LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6413IR Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6413IR Datasheet HTML 1Page - Intersil Corporation ISL6413IR Datasheet HTML 2Page - Intersil Corporation ISL6413IR Datasheet HTML 3Page - Intersil Corporation ISL6413IR Datasheet HTML 4Page - Intersil Corporation ISL6413IR Datasheet HTML 5Page - Intersil Corporation ISL6413IR Datasheet HTML 6Page - Intersil Corporation ISL6413IR Datasheet HTML 7Page - Intersil Corporation ISL6413IR Datasheet HTML 8Page - Intersil Corporation ISL6413IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Sync Input Leakage Current
SYNC = GND or VIN
-
0.01
0.15
µA
Duty Cycle of External Clock Signal (Note 6)
20
-
80
%
PG_PWM
Rising Threshold
1mA source/sink
+5.5
8.0
+13
%
Falling Threshold
-11.5
-8.0
-5.5
%
LDO1 SPECIFICATIONS
Output Voltage
-2.84-
V
Output Voltage Accuracy
IOUT = 10mA
-1.5
-
1.5
%
Maximum Output Current (Note 6)
VIN = 3.6V
300
-
-
mA
Output Current Limit (Note 6)
330
770
-
mA
Dropout Voltage (Note 4)
IOUT = 300mA
-
125
200
mV
Line Regulation
VIN = 3.0V to 3.6V, IOUT = 10mA
-0.15
0.0
0.15
%/V
Load Regulation
IOUT = 10mA to 300mA
-0.5
0.2
1.0
%
Output Voltage Noise (Note 6)
10Hz < f < 100kHz, IOUT = 10mA
COUT = 2.2µF-
65
-
µVRMS
COUT = 10µF-
60
-
µVRMS
LDO2 SPECIFICATIONS
Output Voltage
-2.84-
V
Output Voltage Accuracy
IOUT = 10mA
-1.5
-
1.5
%
Maximum Output Current (Note 6)
VIN = 3.6V
200
-
-
mA
Output Current Limit (Note 6)
250
400
-
mA
Dropout Voltage (Note 4)
IOUT = 200mA
-
100
200
mV
Line Regulation
VIN = 3.0V to 3.6V, IOUT = 10mA
-0.15
0.0
0.15
%/V
Load Regulation
IOUT = 10mA to 200mA
-
0.2
1.0
%
Output Voltage Noise (Note 6)
10Hz < f < 100kHz, IOUT = 10mA
COUT = 2.2µF-
30
-
µVRMS
COUT = 10µF-
20
-
µVRMS
ENABLE (EN_PWM and (EN_LDO)
EN High Level Input Voltage
2.3
-
-
V
EN Low Level Input Voltage
--
1.0
V
RESET BLOCK SPECIFICATIONS
RESET Rising Threshold
2.68
2.79
2.81
V
RESET Falling Threshold
Sink 1.0mA/Source 0.5mA at 0.4V from GND/VDD
2.7
2.77
2.79
V
RESET Threshold Hysteresis
-20
-
mV
RESET Current Source
0.4
0.54
0.7
µA
RESET/RESET Active Timeout Period (Note 5)
CT = 0.01µF25
-
-
ms
POWER GOOD (PG_LDO)
PGOOD Threshold (Rising)
+11
+15
+18
%
PGOOD Threshold (Falling)
-17
-15
-11
%
PGOOD Output Voltage Low
IOL = 1mA
-
-
0.5
V
Electrical Specifications
Recommended operating conditions unless otherwise noted. VIN = VIN_LDO = PVCC = 3.3V, Compensation
Capacitors = 33nF for LDO1 and LDO2. TA = 25oC. (Note 2) (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6413


Similar Part No. - ISL6413IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6413IR RENESAS-ISL6413IR Datasheet
640Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
More results

Similar Description - ISL6413IR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6455 RENESAS-ISL6455 Datasheet
663Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
ISL6413 RENESAS-ISL6413 Datasheet
640Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Intersil Corporation
ISL6415 INTERSIL-ISL6415 Datasheet
117Kb / 2P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
logo
Renesas Technology Corp
ISL6415 RENESAS-ISL6415 Datasheet
680Kb / 13P
   Triple Output Regulator with Single Synchronous Buck and Dual LDO
Dec 27, 2004
logo
Advanced Analogic Techn...
AAT2782 ANALOGICTECH-AAT2782 Datasheet
3Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
AAT2783 ANALOGICTECH-AAT2783 Datasheet
1Mb / 22P
   Triple Output PMIC: Dual Buck with Low-VIN LDO
logo
Skyworks Solutions Inc.
AAT2782 SKYWORKS-AAT2782_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
AAT2783 SKYWORKS-AAT2783_12 Datasheet
3Mb / 22P
   Triple-Output PMIC Dual Buck with Low-VIN LDO
logo
Richtek Technology Corp...
RT8204AGQW RICHTEK-RT8204AGQW Datasheet
405Kb / 19P
   Single Synchronous Buck with LDO Controller
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com