Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6401CR Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6401CR
Description  Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6401CR Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6401CR Datasheet HTML 1Page - Intersil Corporation ISL6401CR Datasheet HTML 2Page - Intersil Corporation ISL6401CR Datasheet HTML 3Page - Intersil Corporation ISL6401CR Datasheet HTML 4Page - Intersil Corporation ISL6401CR Datasheet HTML 5Page - Intersil Corporation ISL6401CR Datasheet HTML 6Page - Intersil Corporation ISL6401CR Datasheet HTML 7Page - Intersil Corporation ISL6401CR Datasheet HTML 8Page - Intersil Corporation ISL6401CR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN9007.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-352-6832
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001-2005. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL6401
Synchronizing Current Mode PWM for
Subscriber Line Interface Circuits (SLICs)
The ISL6401 adjustable frequency, low power, pulse width
modulating (PWM) current mode controller is designed for a
wide range of DC/DC conversion applications including
boost, flyback, and isolated output configurations. The
device is optimized to provide a high performance, low-cost
solution for Ringing SLIC (RSLIC) ring and talk power
supplies. An integrated inverter allows for easy design of
negative voltage regulation circuits with a minimal amount of
external components. Internal soft-start minimizes start-up
stress without any external components. Peak current mode
control effectively handles Ring trip transients and provides
inherent overcurrent protection.
This advanced BiCMOS design features low operating
current, adjustable operating output frequency (50kHz to
600kHz), internal soft-start and a SYNC input that allows the
oscillator to be locked to an external clock for noise sensitive
applications. DC/DC conversion efficiency is optimized by
use of a low current sense voltage. A logic level shutdown
input is included, which reduces supply current to 55
µA in
the shutdown mode.
Features
• Positive and Negative Output Regulation
• Starting Supply Current . . . . . . . . . . . . . . . . . 100
µA (typ.)
• Quiescent Current . . . . . . . . . . . . . . . . . . . . . . 55
µA (typ.)
• Output Frequency Range. . . . . . . . . . . . 50kHz to 600kHz
• External Clock Synchronization
• Fast Transient Response with Peak Current Mode Control
• Internal Soft-Start
• Drives N-Channel MOSFET
• Logic Level Shutdown
• Leading Edge Blanking
• 1% Tolerance Voltage Reference Over Line and
Temperature
• Pb-Free Available (RoHS Compliant)
Applications
• VoIP/VoDSL Ringer and Off-Hook Voltage Generators
• Multi-Output Flyback Supplies
• Cable and DSL Modems
• Set-Top Boxes
• Wireless Local Loops
• LMDH and FTTH Supplies
• Boost Regulators
•Routers
Pinouts
ISL6401 (SOIC)
TOP VIEW
ISL6401 (QFN)
TOP VIEW
SD
SYNC
CT
COMP
FB
NFB OUT
NFB IN
VCC
PVCC
GATE
PGND
GND
CS
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SYNC
CT
COMP
FB
PGND
PGND
GND
CS
1
3
4
15
16
14
13
2
12
10
9
11
6
57
8
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6401CB
-40 to 85
14 Ld SOIC
M14.15
ISL6401CBZ (Note)
-40 to 85
14 Ld SOIC (Pb-free)
M14.15
ISL6401CR
-40 to 85
16 Ld 4x4 QFN
L16.4x4
ISL6401CRZ (Note)
-40 to 85
16 Ld 4x4 QFN (Pb-free) L16.4x4
Add -T suffix for tape and reel packaging.
NOTES:
1. The parts with suffix ‘C’ are being tested to the industrial temperature
grade. This has been updated in the table above. The IB and IR parts are
being discontinued. The affected parts are: ISL6401IB, ISL6401IBZ,
ISL6401IB-T, ISL6401IBZ-T, ISL6401IR, ISL6401IRZ, ISL6401IR-T,
ISL6401IRZ-T.
2. Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination
finish, which are RoHS compliant and compatible with both SnPb and Pb-
free soldering operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
Data Sheet
April 13, 2005


Similar Part No. - ISL6401CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6401CR INTERSIL-ISL6401CR Datasheet
332Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
ISL6401CRZ INTERSIL-ISL6401CRZ Datasheet
332Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
logo
Renesas Technology Corp
ISL6401CRZ RENESAS-ISL6401CRZ Datasheet
690Kb / 13P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
More results

Similar Description - ISL6401CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6401 RENESAS-ISL6401 Datasheet
690Kb / 13P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
logo
Intersil Corporation
ISL6401CB INTERSIL-ISL6401CB Datasheet
332Kb / 11P
   Synchronizing Current Mode PWM for Subscriber Line Interface Circuits (SLICs)
April 13, 2005
logo
Ericsson
PBL38620-2 ERICSSON-PBL38620-2 Datasheet
135Kb / 16P
   Subscriber Line Interface Circuit
logo
National Semiconductor ...
TP3210 NSC-TP3210 Datasheet
796Kb / 19P
   SUBSCRIBER LINE INTERFACE MODULE
logo
Ericsson
PBL3764 ERICSSON-PBL3764 Datasheet
1Mb / 17P
   SUBSCRIBER LINE INTERFACE CIRCUIT
logo
Infineon Technologies A...
PBL38620 INFINEON-PBL38620 Datasheet
1Mb / 46P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
PBL38640 INFINEON-PBL38640 Datasheet
1Mb / 51P
   Subscriber Line Interface Circuit
Rev. 2.0, Apr. 2005
logo
STMicroelectronics
L3000S STMICROELECTRONICS-L3000S Datasheet
281Kb / 29P
   SUBSCRIBER LINE INTERFACE KIT
logo
Ericsson
PBL38621-2 ERICSSON-PBL38621-2 Datasheet
130Kb / 16P
   Subscriber Line Interface Circuit
PBL38630-2 ERICSSON-PBL38630-2 Datasheet
134Kb / 16P
   Subscriber Line Interface Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com