Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ISL6405 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL6405
Description  Dual Output LNB Supply and Control Voltage Regulator with I2C Interface for Advanced Satellite Set-top Box Designs
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL6405 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Block Diagram
COUNTER
OVERCURRENT
PROTECTION
LOGIC SCHEME 1
OLF1
DCL
OC1
CLK1
PWM
LOGIC
Q
S
GATE1
PGND1
CS1
CS
AMP
ILIM1
SLOPE
COMPENSATION
2
3
5
6
9
10
11
12
13
15
16
17
18
19
20
22
24
25
26
27
28
COMP1
FB1
VO1
VCC
SGND
+
-
ENT1
ENT2
OVERCURRENT
PROTECTION
LOGIC SCHEME 2
COUNTER
OLF2
DCL
OC2
CLK2
PWM
LOGIC
Q
S
GATE2
PGND2
CS2
COMP2
FB2
VSW2
VO2
CPVOUT
CPSWIN
CPSWOUT
4
CHARGE PUMP
THERMAL
SHUTDOWN
OTF
OLF
SDA
ISEL1
EN1
OTF
LLC1
VSEL1
VSEL2
LLC2
DCL
ENT2
EN2
ISEL2
SCL
ADDR
ENT1
OSC.
220kHz
CLK1
CLK2
I2C
INTERFACE
BAND GAP
REF VOLTAGE
ADJ1
REF
VOLTAGE
TONE
INJ
CKT 1
22kHz
TONE
TONE
INJ
CKT 2
23
÷ 10 &
WAVE SHAPING
ADJ2
REF
VOLTAGE
BGV
EN1/EN2
SOFT-START
INT 5V
ON CHIP
LINEAR
UVLO
POR
SOFT-START
7
14
VSW1
1
BGV
CS
AMP
ILIM2
SLOPE
COMPENSATION
21
8
VREF2
VREF1
+
-


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn