Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMQSKA3636DGBA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RMQSKA3636DGBA
Description  36-Mbit QDR??II SRAM 4-word Burst Architecture (2.0 Cycle Read latency) with ODT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMQSKA3636DGBA Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RMQSKA3636DGBA_15 Datasheet HTML 3Page - Renesas Technology Corp RMQSKA3636DGBA_15 Datasheet HTML 4Page - Renesas Technology Corp RMQSKA3636DGBA_15 Datasheet HTML 5Page - Renesas Technology Corp RMQSKA3636DGBA_15 Datasheet HTML 6Page - Renesas Technology Corp RMQSKA3636DGBA_15 Datasheet HTML 7Page - Renesas Technology Corp RMQSKA3636DGBA_15 Datasheet HTML 8Page - Renesas Technology Corp RMQSKA3636DGBA_15 Datasheet HTML 9Page - Renesas Technology Corp RMQSKA3636DGBA_15 Datasheet HTML 10Page - Renesas Technology Corp RMQSKA3636DGBA_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
RMQSKA3636DGBA, RMQSKA3618DGBA
Preliminary Datasheet
R10DS0239EJ0002 Rev.0.02
Page 7 of 30
Dec. 01, 2014
Name
I/O type
Descriptions
Note
D0 to Dn
Input
Synchronous data inputs: Input data must meet setup and hold times around the
rising edges of K and /K during WRITE operations. See Pin Arrangement figures
for ball site location of individual signals.
The
×18 device uses D0 to D17. D18 to D35 should be treated as NC pin.
The
×36 device uses D0 to D35.
CQ, /CQ
Output
Synchronous echo clock outputs: The edges of these outputs are tightly matched
to the synchronous data outputs and can be used as a data valid indication.
These signals run freely and do not stop when Q tri-states.
TDO
Output
IEEE 1149.1 test output: 1.8 V I/O level.
Q0 to Qn
Output
Synchronous data outputs: Output data is synchronized to the K clock. This bus
operates in response to /R commands. See Pin Arrangement figures for ball site
location of individual signals.
The
×18 device uses Q0 to Q17. Q18 to Q35 should be treated as NC pin.
The
×36 device uses Q0 to Q35.
QVLD
Output
Valid output indicator: The Q Valid indicates valid output data. QVLD is edge
aligned with CQ and /CQ.
VDD
Supply
Power supply: 1.8 V nominal. See DC Characteristics and Operating Conditions
for range.
1
VDDQ
Supply
Power supply: Isolated output buffer supply. Nominally 1.5 V. See DC
Characteristics and Operating Conditions for range.
1
VSS
Supply
Power supply: Ground.
1
VREF
-
HSTL input reference voltage: Nominally VDDQ/2, but may be adjusted to improve
system noise margin. Provides a reference voltage for the HSTL input buffers.
NC
-
No connect: These pins can be left floating or connected to 0V to VDDQ.
Notes:
1.
All power supply and ground balls must be connected for proper operation of the device.


Similar Part No. - RMQSKA3636DGBA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQSKA3636DGBA RENESAS-RMQSKA3636DGBA Datasheet
399Kb / 31P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.0 Cycle Read latency) with ODT
May 25, 2015
More results

Similar Description - RMQSKA3636DGBA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQSKA3636DGBA RENESAS-RMQSKA3636DGBA Datasheet
399Kb / 31P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.0 Cycle Read latency) with ODT
May 25, 2015
RMQSDA3636DGBA RENESAS-RMQSDA3636DGBA_15 Datasheet
898Kb / 31P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.5 Cycle Read latency) with ODT
RMQSGA3636DGBA RENESAS-RMQSGA3636DGBA_15 Datasheet
853Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1241V18 CYPRESS-CY7C1241V18 Datasheet
1Mb / 28P
   36-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
logo
Renesas Technology Corp
RMQSDA3636DGBA RENESAS-RMQSDA3636DGBA Datasheet
403Kb / 31P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.5 Cycle Read latency) with ODT
May 25, 2015
RMQSGA3636DGBA RENESAS-RMQSGA3636DGBA Datasheet
359Kb / 30P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
May 25, 2015
R1QKA4436RBG RENESAS-R1QKA4436RBG_15 Datasheet
967Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture(2.0 Cycle Read latency) with ODT
logo
Cypress Semiconductor
CY7C2245KV18 CYPRESS-CY7C2245KV18 Datasheet
841Kb / 28P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency) with ODT
logo
Renesas Technology Corp
RMQSAA3636DGBA RENESAS-RMQSAA3636DGBA_15 Datasheet
832Kb / 30P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
logo
Cypress Semiconductor
CY7C1141V18 CYPRESS-CY7C1141V18 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com