Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6224CAZA-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL6224CAZA-T
Description  Single Output Mobile-Friendly PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6224CAZA-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL6224CAZA-T Datasheet HTML 1Page - Intersil Corporation ISL6224CAZA-T Datasheet HTML 2Page - Intersil Corporation ISL6224CAZA-T Datasheet HTML 3Page - Intersil Corporation ISL6224CAZA-T Datasheet HTML 4Page - Intersil Corporation ISL6224CAZA-T Datasheet HTML 5Page - Intersil Corporation ISL6224CAZA-T Datasheet HTML 6Page - Intersil Corporation ISL6224CAZA-T Datasheet HTML 7Page - Intersil Corporation ISL6224CAZA-T Datasheet HTML 8Page - Intersil Corporation ISL6224CAZA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
FN9042.7
December 28, 2004
Absolute Maximum Ratings
Thermal Information
Bias Voltage, VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to +7V
Input Voltage, Vin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +27.0V
Phase and Isen Pins . . . . . . . . . . . . . . . . . . . . . GND -0.3V to +29.0V
BOOT and Ugate Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . + 32.0V
BOOT with respect to PHASE . . . . . . . . . . . . . . . . . . . . . . . . . .+ 7.0V
All other pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to 15V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Recommended Operating Conditions
Bias Voltage, VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.0V ±5%
Input Voltage, Vin . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.0V to +24.0V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . .-10°C to 85°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . .-10°C to 125°C
Thermal Resistance (Typical, Note 1)
θJA (°C/W)
SSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
112
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
3.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Operating Conditions: VCC = 5V, TA = 10°C to 85°C, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY
Bias Current
ICC
LGATE, UGATE Open, VSEN forced above
regulation point
-
850
1300
µA
Shutdown Current
ICCSN
-5
15
µA
VCC UVLO
Rising Vcc Threshold
4.3
-
4.75
V
Falling Vcc Threshold
4.1
-
4.5
V
Vcc UVLO Hysteris
0.1
-
0.5
V
VIN
Input Voltage Pin Current (Sink)
IVIN
VIN pin connected to the input voltage source
10
20
30
µA
Input Voltage Pin Current (Source)
IVIN
VIN pin connected to ground
-7
-15
-20
µA
Shutdown Current
IVIN
--
1
µA
OSCILLATOR
PWM Oscillator Frequency
Fc1
VIN = 3.5V - 24V
255
300
345
kHz
PWM Oscillator Frequency
Fc2
VIN ≤ 0.5V
510
600
690
kHz
Ramp Amplitude, pk-pk
VR1
VIN = 16V, By Design
-
2
-
V
Ramp Amplitude, pk-pk
VR2
VIN ≤ 5V, By Design
-
1.25
-
V
Ramp Offset
VROFF
-0.5
-
V
REFERENCE AND SOFT-START
Internal Reference Voltage
VREF
-0.9
-
V
Reference Voltage Accuracy
-1.0
-
+1.0
%
Soft-Start Current During Start-up
ISOFT
-5
-
µA
Soft-Start Threshold
VSOFT
-1.5
-
V
PWM CONVERTER
Load Regulation
0.0mA < IVOUT1 < 3.0A; 5.0V < VIN < 24.0V
-1.0
-
+1.0
%
VSEN pin bias current
IVSEN
-80
-
nA
ISL6224


Similar Part No. - ISL6224CAZA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6224CAZ INTERSIL-ISL6224CAZ Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224CAZ RENESAS-ISL6224CAZ Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
More results

Similar Description - ISL6224CAZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com