Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6128IRZA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6128IRZA
Description  Single Supply Integrated Current Limiting Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6128IRZA Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6128IRZA Datasheet HTML 1Page - Intersil Corporation ISL6128IRZA Datasheet HTML 2Page - Intersil Corporation ISL6128IRZA Datasheet HTML 3Page - Intersil Corporation ISL6128IRZA Datasheet HTML 4Page - Intersil Corporation ISL6128IRZA Datasheet HTML 5Page - Intersil Corporation ISL6128IRZA Datasheet HTML 6Page - Intersil Corporation ISL6128IRZA Datasheet HTML 7Page - Intersil Corporation ISL6128IRZA Datasheet HTML 8Page - Intersil Corporation ISL6128IRZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
®
FN9005.4
ISL6123, ISL6124, ISL6125,
ISL6126, ISL6127, ISL6128
Power Sequencing Controllers
The Intersil ISL6123, ISL6124, ISL6125, ISL6126, ISL6127,
ISL6128 are integrated 4 channel controlled-on/controlled-
off power-supply sequencers with supply monitoring, fault
protection and a “sequence completed” signal (RESET#).
For larger systems, more than 4 supplies can be sequenced
by simply connecting a wire between SYSRESET# pins of
cascaded IC's. The ISL6125 uses 4 open-drain outputs to
control the 4 power supplies, and the other sequencers use
a patented, micropower 7X chargepump to drive 4 external
low-cost NFET switch gates above the supply rail by 5.3V.
These IC's can be biased from any supply 5V down to 1.5V.
Individual product descriptions are below.
The four channel ISL6123 (ENABLE input), ISL6124
(ENABLE# input) and ISL6125 ICs offer the designer 4 rail
control when it is required that all four rails are in minimal
compliance prior to turn on and that compliance must be
maintained during operation. The ISL6123 has a low power
standby mode when it is disabled, suitable for battery
powered applications.
The ISL6125 operates like the ISL6124 but instead of
charge pump driven gate drive outputs it has open drain
logic outputs for direct interface to other circuitry.
In contrast to the ISL6123 and ISL6124, with the ISL6126,
each of the four channels operates independently so that the
various rails will turn on once its individual input voltage
requirements are met.
The ISL6127 is a preprogrammed A-B-C-D turn-on and D-C-
B-A turn-off sequenced IC. Once all inputs are in compliance
and ENABLE is asserted the sequencing starts and each
subsequent GATE will turn-on after the previous one
completes turning-on.
The ISL6128 has two groups of two channels each with its
independent I/O and is ideal for voltage sequencing into
redundant capability loads as all four inputs need to be
satisfied prior to turn on but a single group fault is ignored by
the other group.
External resistors provide flexible voltage threshold
programming of monitored rail voltages. Delay and
sequencing are provided by external capacitors for both
ramp up and ramp down.
Additional I/O is provided indicating and driving RESET state
in various configurations.
For volume applications, other programmable options and
features can be had. Contact the factory with your needs.
Features
• Enables arbitrary turn-on and turn-off sequencing of up to
four power supplies (0.7V - 5V)
• Operates from 1.5V to 5V supply voltage
• Supplies VDD +5.3V of charge pumped gate drive
• Adjustable voltage slew rate for each rail
• Multiple sequencers can be daisy-chained to sequence an
infinite number of independent supplies
• Glitch immunity
• Under voltage lockout for each supply
• 1µA Sleep State (ISL6123)
• Active high (ISL6123) or low (ISL6124) ENABLE# input
• Open drain version available (ISL6125)
• Pre programmed Sequence available (ISL6127)
• Dual channel groupings (ISL6128)
• QFN Package with Pb-free plus anneal option
Applications
• Graphics cards
• FPGA/ASIC/microprocessor/PowerPC supply sequencing
• Network routers
• Telecommunications systems
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6123IR
-40 to +85
24 Ld 4x4 QFN
L24.4x4
ISL6124IR
ISL6125IR
ISL6126IR
ISL6127IR
ISL6128IR
ISL6123IRZA (Note)
-40 to +85
24 Ld 4x4 QFN
(Pb-free)
ISL6124IRZA (Note)
ISL6125IRZA (Note)
ISL6126IRZA (Note)
ISL6127IRZA (Note)
ISL6128IRZA (Note)
ISL612XSEQEVAL1
Evaluation Platform
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
June 10, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc.2001, 2003, 2004 All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6128IRZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6128IRZA INTERSIL-ISL6128IRZA Datasheet
502Kb / 21P
   Power Sequencing Controllers
ISL6128IRZA INTERSIL-ISL6128IRZA Datasheet
516Kb / 23P
   Power Sequencing Controllers
August 25, 2011
logo
Renesas Technology Corp
ISL6128IRZA RENESAS-ISL6128IRZA Datasheet
1Mb / 23P
   Enables Arbitrary Turn-on and Turn-off Sequencing of Up to Four Power Supplies (0.7V to 5V)
More results

Similar Description - ISL6128IRZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
   Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIB INTERSIL-ISL6121HIB Datasheet
419Kb / 11P
   Single Supply Integrated Current Limiting Controller
November 12, 2004
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
logo
International Rectifier
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
   CURRENT LIMITING SINGLE CHANNEL DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com