Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6244CR Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6244CR
Description  Multi-Phase PWM Controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6244CR Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6244CR Datasheet HTML 2Page - Intersil Corporation ISL6244CR Datasheet HTML 3Page - Intersil Corporation ISL6244CR Datasheet HTML 4Page - Intersil Corporation ISL6244CR Datasheet HTML 5Page - Intersil Corporation ISL6244CR Datasheet HTML 6Page - Intersil Corporation ISL6244CR Datasheet HTML 7Page - Intersil Corporation ISL6244CR Datasheet HTML 8Page - Intersil Corporation ISL6244CR Datasheet HTML 9Page - Intersil Corporation ISL6244CR Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
FN9106.3
December 28, 2004
FIGURE 7. ISL6244 DROOP: VBAT = 8.4V
FIGURE 8. FOUR PHASE CURRENT BALANCE @ 52A
FIGURE 9. ISL6244 EFFICIENCY vs LOAD
FIGURE 10. ISL6244 DROOP: VBAT = 21V
Typical Operating Performance
1.400
1.450
1.500
1.550
1.600
1.650
020
40
60
OUTPUT CURRENT (A)
VBAT 8.4V
Vo- (AMD SPEC)
Vo+ (AMD SPEC)
TARGET
50
60
70
80
90
100
020
40
60
OUTPUT CURRENT (A)
10
30
50
Vbat = 8.4
Vbat = 10.8
Vbat = 14.4
Vbat = 19
Vbat = 21
1.400
1.450
1.500
1.550
1.600
1.650
020
40
60
OUTPUT CURRENT (A)
VBAT 21V
Vo- (AMD SPEC)
Vo+ (AMD SPEC)
TARGET
ISL6244


Similar Part No. - ISL6244CR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6244CR INTERSIL-ISL6244CR Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL6244CR RENESAS-ISL6244CR Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6244CRZ INTERSIL-ISL6244CRZ Datasheet
931Kb / 16P
   ISL6244EVAL1 Multi-phase Evaluation Board Setup Procedure
logo
Renesas Technology Corp
ISL6244CRZ RENESAS-ISL6244CRZ Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
More results

Similar Description - ISL6244CR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569A INTERSIL-ISL6569A Datasheet
514Kb / 22P
   Multi-Phase PWM Controller
ISL6559 INTERSIL-ISL6559 Datasheet
606Kb / 21P
   Multi-Phase PWM Controller
logo
Renesas Technology Corp
ISL6569A RENESAS-ISL6569A Datasheet
1Mb / 22P
   Multi-Phase PWM Controller
logo
Semtech Corporation
SC2643VX SEMTECH-SC2643VX Datasheet
189Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
SC2647 SEMTECH-SC2647 Datasheet
211Kb / 11P
   Multi-Platform Multi-Phase PWM Controller
logo
Intersil Corporation
ISL9500 INTERSIL-ISL9500 Datasheet
467Kb / 20P
   Precision Multi-Phase Buck PWM Controller
December 2, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com