Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6142IB-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL6142IB-T
Description  Negative Voltage Hot Plug Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6142IB-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL6142IB-T Datasheet HTML 6Page - Intersil Corporation ISL6142IB-T Datasheet HTML 7Page - Intersil Corporation ISL6142IB-T Datasheet HTML 8Page - Intersil Corporation ISL6142IB-T Datasheet HTML 9Page - Intersil Corporation ISL6142IB-T Datasheet HTML 10Page - Intersil Corporation ISL6142IB-T Datasheet HTML 11Page - Intersil Corporation ISL6142IB-T Datasheet HTML 12Page - Intersil Corporation ISL6142IB-T Datasheet HTML 13Page - Intersil Corporation ISL6142IB-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
FIGURE 6A. DRAIN HIGH TO PWRGD (INACTIVE) HIGH
(ISL6142)
FIGURE 6B. DRAIN HIGH TO PWRGD (INACTIVE) LOW
(ISL6152)
FIGURE 6. DRAIN TO PWRGD/PWRGD INACTIVE TIMING
FIGURE 7. DISABLE TO GATE TIMING (ISL6142/52)
FIGURE 8. FAULT TO GATE TIMING (ISL6142/52)
FIGURE 9. SENSE TO GATE (CURRENT LIMIT) TIMING
FIGURE 10. SENSE TO GATE (HARD FAULT) TIMING
FIGURE 11. CURRENT LIMIT TO GATE TIMING
FIGURE 12. OUTPUT CURRENT RISE AND FALL TIME
Test Circuit and Timing Diagrams (Continued)
tPLHDH
8.0V
1.0V
DRAIN
PWRGD
VEE - VDRAIN = 0V
VDRAIN - VEE = 8.0V
VDH
tPHLDH
DRAIN
PWRGD
8.0V
1.0V
VPWRGD - VDRAIN = 0V
VEE - VDRAIN = 0V
VDRAIN - VEE = 8.0V
VDH
DIS
GATE
tPHLDIS tPLHDIS
3V
0V
1V
1.50V
2.2V
1V
13.6V
0V
tPHLF
FAULT
1.0V
1.4V
GATE
∆VGATE - VGATE = 0V
SENSE
GATE
tPHLSENSE
~4V (depends on FET threshold)
50mV
13.6V
0V
SENSE
GATE
tPHLHF
VEE
210mV
13.6V
0V
tPHLCB
UV
1.0V
1.0V
GATE
Over-Current Time-Out
VSENSE
10%
VOUT
90%
10%
tR
tF
90%
ISL6142, ISL6152


Similar Part No. - ISL6142IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6142 INTERSIL-ISL6142 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ISL6142IB-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
   Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
   Negative Voltage Hot Plug Controller
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
   Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
   Negative Voltage Hot Plug Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com