Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6235 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ISL6235
Description  Advanced Triple PWM Only Mode and Dual Linear Power Controller for Portable Applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6235 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6235 Datasheet HTML 1Page - Intersil Corporation ISL6235 Datasheet HTML 2Page - Intersil Corporation ISL6235 Datasheet HTML 3Page - Intersil Corporation ISL6235 Datasheet HTML 4Page - Intersil Corporation ISL6235 Datasheet HTML 5Page - Intersil Corporation ISL6235 Datasheet HTML 6Page - Intersil Corporation ISL6235 Datasheet HTML 7Page - Intersil Corporation ISL6235 Datasheet HTML 8Page - Intersil Corporation ISL6235 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
Internal Resistance to GND on VSNS2 Pin
RVSNS2
-
66K
-
PWM1 and PWM2 CONTROLLER GATE DRIVERS
Upper Drive Pull-Up Resistance
R2UGPUP
-5
12
Upper Drive Pull-Down Resistance
R2UGPDN
-4
10
Lower Drive Pull-Up Resistance
R2LGPUP
-6
9
Lower Drive Pull-Down Resistance
R2LGPDN
-5
8
PWM 3 CONVERTER
12V Feedback Regulation Voltage
VSEN3
-
2.472
-
V
12V Feedback Regulation Voltage Input
Current
IVSEN3
-0.1
1.0
µA
Line and Load Regulation
0.0 < IVOUT3 < 120mA, 4.9V < 5VMain < 5.1V
-2
-
+2
%
Undervoltage Shut-Down Level
VUV3
2
µs Delay, % Feedback Voltage at VSNS3 Pin
70
75
80
%
Overvoltage Threshold
VOVP3
2
µs Delay, % Feedback Voltage at VSNS3 Pin
-
115
120
%
PWM3 Oscillator Frequency
Fc3
85
100
115
kHz
Maximum Duty Cycle
-33
-
%
PWM 3 CONTROLLER GATE DRIVERS
Pull-Up Resistance
R3GPUP
-
8
12
Pull-Down Resistance
R3GPDN
-
8
12
5V AND 3.3V ALWAYS
Linear Regulator Accuracy
PWM1, 5V Output OFF (SDWN1 = 0V);
5.6V < VBATT < 22V; 0 < Iload < 50mA
-2.0
0.5
+2.0
%
5V ALWAYS Output Voltage Regulation
PWM1, 5V output ON (SDWN1 = 5V);
0 < Iload < 50mA
-3.3
1.0
+2.0
%
Maximum Output Current
Combined 5V ALWAYS and 3.3V ALWAYS
50
-
-
mA
Current Limit
Combined 5V ALWAYS and 3.3V ALWAYS
100
180
-
mA
5V ALWAYS Undervoltage Shut-Down
-75
-
%
Bypass Switch
rDS(ON)
PWM1, 5V output ON (SDWN1 = 5V)
-
1.3
-
POWER GOOD AND CONTROL FUNCTIONS
Power Good Threshold for PWM1 and
PWM2 Output Voltages
-14
-12
-10
%
PGOOD Leakage Current
IPGLKG
VPULLUP = 5.0V
-
-
1.0
µA
PGOOD Voltage Low
VPGOOD
IPGOOD = -4mA
-
0.2
0.5
V
PGOOD Minimum Pulse Width
TPGmin
-10
-
µs
SDWN1, 2- Low (Off)
-0.8
-
V
SDWN1, 2, - High (On)
-4.3
-
V
SDWNALL - High (On)
-2.4
-
V
SDWNALL - Low (Off)
SDWNALL
-
40
-
mV
Over-Temperature Shutdown
-
150
-
oC
Over-Temperature Hysteresis
-25
-
oC
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Refer to Block and Simplified Power System
Diagrams, and Typical Application Schematic (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6235


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn