Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6219ACA-T Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL6219ACA-T
Description  Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6219ACA-T Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL6219ACA-T Datasheet HTML 9Page - Intersil Corporation ISL6219ACA-T Datasheet HTML 10Page - Intersil Corporation ISL6219ACA-T Datasheet HTML 11Page - Intersil Corporation ISL6219ACA-T Datasheet HTML 12Page - Intersil Corporation ISL6219ACA-T Datasheet HTML 13Page - Intersil Corporation ISL6219ACA-T Datasheet HTML 14Page - Intersil Corporation ISL6219ACA-T Datasheet HTML 15Page - Intersil Corporation ISL6219ACA-T Datasheet HTML 16Page - Intersil Corporation ISL6219ACA-T Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
defined below, there is a separate set of equations for the
compensation components.
In Equations 17, L is the per-channel filter inductance
divided by the number of active channels; C is the sum total
of all output capacitors; ESR is the equivalent-series
resistance of the bulk output-filter capacitance; and VPP is
the peak-to-peak sawtooth signal amplitude as described in
Figure 5 and Electrical Specifications.
Once selected, the compensation values in Equations 17
assure a stable converter with reasonable transient perfor-
mance. In most cases, transient performance can be
improved by making adjustments to RC. Slowly increase the
value of RC while observing the transient performance on an
oscilloscope until no further improvement is noted. Normally,
CC will not need adjustment. Keep the value of CC from
Equations 17 unless some performance issue is noted.
The optional capacitor C2, is sometimes needed to bypass
noise away from the PWM comparator (see Figure 5). Keep
a position available for C2, and be prepared to install a high-
frequency capacitor of between 22pF and 150pF in case any
jitter problem is noted.
COMPENSATION WITHOUT LOAD-LINE REGULATION
The non load-line regulated converter is accurately modeled
as a voltage-mode regulator with two poles at the L-C
resonant frequency and a zero at the ESR frequency. A type
III controller, as shown in Figure 12, provides the necessary
compensation.
The first step is to choose the desired bandwidth, f0, of the
compensated system. Choose a frequency high enough to
assure adequate transient performance but not higher than
1/3 of the switching frequency. The type-III compensator has
an extra high-frequency pole, fHF. This pole can be used for
added noise rejection or to assure adequate attenuation at
the error-amplifier high-order pole and zero frequencies. A
good general rule is to chose fHF =10 f0, but it can be higher
if desired. Choosing fHF to be lower than 10 f0 can cause
problems with too much phase shift below the system
bandwidth.
In the solutions to the compensation equations, there is a
single degree of freedom. For the solutions presented in
Equations 18, RFB is selected arbitrarily. The remaining
compensation components are then selected according to
Equations 18.
1
2
π LC
-------------------
f
0
>
R
C
R
FB
2
πf
0 Vpp LC
0.75V
IN
------------------------------------
=
C
C
0.75V
IN
2
πV
PPRFBf0
------------------------------------
=
Case 1:
1
2
π LC
-------------------
f
0
1
2
πC ESR
()
------------------------------
<
R
C
R
FB
V
PP
()2 f
0
2
LC
0.75 V
IN
--------------------------------------------
=
C
C
0.75 V
IN
2
π
()2 f
0
2 V
PPRFB LC
-------------------------------------------------------------
=
Case 2:
(EQ. 17)
f
0
1
2
πC ESR
()
------------------------------
>
R
C
R
FB
2
π f
0VppL
0.75 V
IN ESR
()
------------------------------------------
=
C
C
0.75V
IN ES R
() C
2
πV
PPRFBf0 L
-------------------------------------------------
=
Case 3:
FIGURE 12. COMPENSATION CIRCUIT FOR ISL6219A BASED
CONVERTER WITHOUT LOAD-LINE
REGULATION.
COMP
CC
RC
RFB
FB
VSEN
-
+
VDROOP
C2
C1
R1
R
1
R
FB
CESR
()
LC
C ESR
()
-----------------------------------------
=
C
1
LC
C ESR
()
R
FB
-----------------------------------------
=
C
2
0.75 V
IN
2
π
()2f
0fHF LCRFBVPP
-------------------------------------------------------------------
=
(EQ. 18)
R
C
V
PP

 2f
0 fHF LC
0.75 V
IN
2
π f
HF
LC 1


----------------------------------------------------------------------
=
C
C
0.75V
IN
2
πV
PPRFB
f
0 1
1
2
πf
HF LC
-----------------------------




----------------------------------------------------------------------------------
=
ISL6219A


Similar Part No. - ISL6219ACA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219ACA INTERSIL-ISL6219ACA Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219ACA RENESAS-ISL6219ACA Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6219ACAZ INTERSIL-ISL6219ACAZ Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219ACAZ RENESAS-ISL6219ACAZ Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
More results

Similar Description - ISL6219ACA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219A INTERSIL-ISL6219A_07 Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219 INTERSIL-ISL6219 Datasheet
476Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219A RENESAS-ISL6219A Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com