Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6207CBZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6207CBZ
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6207CBZ Datasheet(HTML) 6 Page - Intersil Corporation

  ISL6207CBZ Datasheet HTML 1Page - Intersil Corporation ISL6207CBZ Datasheet HTML 2Page - Intersil Corporation ISL6207CBZ Datasheet HTML 3Page - Intersil Corporation ISL6207CBZ Datasheet HTML 4Page - Intersil Corporation ISL6207CBZ Datasheet HTML 5Page - Intersil Corporation ISL6207CBZ Datasheet HTML 6Page - Intersil Corporation ISL6207CBZ Datasheet HTML 7Page - Intersil Corporation ISL6207CBZ Datasheet HTML 8Page - Intersil Corporation ISL6207CBZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FN9075.7
July 25, 2005
The next larger standard value capacitance is 0.22
µF. A
good quality ceramic capacitor is recommended.
Power Dissipation
Package power dissipation is mainly a function of the
switching frequency and total gate charge of the selected
MOSFETs. Calculating the power dissipation in the driver for
a desired application is critical to ensuring safe operation.
Exceeding the maximum allowable power dissipation level
will push the IC beyond the maximum recommended
operating junction temperature of 125°C. The maximum
allowable IC power dissipation for the SO-8 package is
approximately 800mW. When designing the driver into an
application, it is recommende
d that the following calculation
be performed to ensure safe operation at the desired
frequency for the selected MOSFETs. The power dissipated
by the driver is approximated as:
where fsw is the switching frequency of the PWM signal. VU
and VL represent the upper and lower gate rail voltage. QU
and QL is the upper and lower gate charge determined by
MOSFET selection and any external capacitance added to
the gate pins. The IDDQ VCC product is the quiescent power
of the driver and is typically negligible.
Layout Considerations
Reducing Phase Ring
The parasitic inductances of the PCB and the power devices
(both upper and lower FETs) could cause serious ringing,
exceeding absolute maximum rating of the devices. The
negative ringing at the edges of the PHASE node could add
charges to the bootstrap capacitor through the internal
bootstrap diode, in some cases, it could cause over stress
across BOOT and PHASE pins. Therefore, user should do a
careful layout and select proper MOSFETs and drivers. The
D2PAK and DPAK package MOSFETs have high parasitic
lead inductance, which can exacerbate this issue. FET
selection plays an important role in reducing PHASE ring. If
higher inductance FETs must be used, a Schottky diode is
recommended across the lower MOSFET to clamp negative
PHASE ring.
A good layout would help reduce the ringing on the phase
and gate nodes significantly:
• Avoid uses via for decoupling components across BOOT
and PHASE pins and in between VCC and GND pins. The
decoupling loop should be short.
• All power traces (UGATE, PHASE, LGATE, GND, VCC)
should be short and wide, and avoid using via; otherwise,
use two vias for interconnection when possible.
• Keep SOURCE of upper FET and DRAIN of lower FET as
close as thermally possible.
• Keep connection in between SOURCE of lower FET and
power ground wide and short.
• Input capacitors should be placed as close to the DRAIN
of upper FET and SOURCE of lower FETs as thermally
possible.
Note: Refer to Intersil Tech Brief TB447 for more information.
0.0
0.4
0.1
0.2
0.3
0.5
0.6
0.7
0.8
0.9
1.0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
∆VBOOT(V)
FIGURE 2. BOOTSTRAP CAPACITANCE vs BOOT RIPPLE
VOLTAGE
QGATE = 100nC
50nC
20nC
Pf
sw 1.5 VU QU
V
LQL
+
() I
DDQ VCC
+
=
FREQUENCY (kHz)
FIGURE 3. POWER DISSIPATION vs FREQUENCY
0800
200 400 600
1000 1200 1400 1600 1800 2000
1000
900
800
700
600
500
400
300
200
100
0
QU=20nC
QL=50nC
QL=50nC
QU=50nC
QU=50nC
QL=100nC
QU=100nC
QL=200nC
ISL6207


Similar Part No. - ISL6207CBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6207CBZ RENESAS-ISL6207CBZ Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207CBZA RENESAS-ISL6207CBZA Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - ISL6207CBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com