Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6223 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL6223
Description  Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6223 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6223 Datasheet HTML 1Page - Intersil Corporation ISL6223 Datasheet HTML 2Page - Intersil Corporation ISL6223 Datasheet HTML 3Page - Intersil Corporation ISL6223 Datasheet HTML 4Page - Intersil Corporation ISL6223 Datasheet HTML 5Page - Intersil Corporation ISL6223 Datasheet HTML 6Page - Intersil Corporation ISL6223 Datasheet HTML 7Page - Intersil Corporation ISL6223 Datasheet HTML 8Page - Intersil Corporation ISL6223 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Simplified Power System Diagram
Functional Pin Descriptions
VID4 (Pin 1), VID3 (Pin 2), VID2 (Pin 3), VID1 (Pin 4)
and VID0 (Pin 5)
Voltage Identification inputs from microprocessor. These pins
respond to TTL and 3.3V logic signals. The ISL6223 decodes
VID bits to establish the output voltage. See Table 1.
COMP (Pin 6)
Output of the internal error amplifier. Connect this pin to the
external feedback and compensation network.
FB (Pin 7)
Inverting input of the internal error amplifier.
FS/DIS (Pin 8)
Channel frequency, FSW, select and disable. A resistor from
this pin to ground sets the switching frequency of the
converter. Pulling this pin to ground disables the converter
and three states the PWM outputs. See Figure 11.
GND (Pin 9)
Bias and reference ground. All signals are referenced to this
pin.
VSEN (Pin 10)
Power good monitor input. Connect to the microprocessor-
CORE voltage.
DACOUT (Pin 11)
The DAC output. Connect a capacitor to this pin slows down
the transition of the DAC output that is also the reference
voltage to the error amplifier.
NC (Pin 12, Pin 17, Pin 18)
No connection.
ISEN2 (Pin 13) and ISEN1 (Pin 16)
Current sense inputs from the individual converter channel’s
phase nodes.
PWM2 (Pin 14) and PWM1 (Pin 15)
PWM outputs for each driven channel in use. Connect these
pins to the PWM input of a HIP6601/2/3 driver.
PGOOD (Pin 19)
Power good. This pin provides an open-drain logic-high
signal when the microprocessor CORE voltage (VSEN pin)
is within specified limits and Soft-Start has timed out.
VCC (Pin 20)
Bias supply. Connect this pin to a 5V supply.
SYNCHRONOUS
ISL6223
MICROPROCESSOR
VSEN
VID
RECTIFIED BUCK
CHANNEL
SYNCHRONOUS
RECTIFIED BUCK
CHANNEL
PWM 1
PWM 2
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VID4
VID3
VID2
VID1
VID0
FS/DIS
PWM2
PGOOD
DACOUT
NC
ISEN1
VCC
GND
NC
FB
NC
VSEN
COMP
PWM1
ISEN2
ISL6223


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn