Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6223 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL6223
Description  Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6223 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6223 Datasheet HTML 1Page - Intersil Corporation ISL6223 Datasheet HTML 2Page - Intersil Corporation ISL6223 Datasheet HTML 3Page - Intersil Corporation ISL6223 Datasheet HTML 4Page - Intersil Corporation ISL6223 Datasheet HTML 5Page - Intersil Corporation ISL6223 Datasheet HTML 6Page - Intersil Corporation ISL6223 Datasheet HTML 7Page - Intersil Corporation ISL6223 Datasheet HTML 8Page - Intersil Corporation ISL6223 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
Typical Application - Two Phase Converter Using HIP6601 Gate Drivers
Typical Application - Two Phase Converter Using a HIP6602 Gate Driver
MAIN
CONTROL
ISL6223
VID3
VID0
PGOOD
FB
+5V
COMP
PWM2
PWM1
ISEN2
ISEN1
VSEN
DRIVER
HIP6601
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
PVCC
PWM
VCC
BOOT
UGATE
PHASE
LGATE
VIN = +5V
DRIVER
HIP6601
PVCC
FS/DIS
GND
GND
GND
VCC
+VCORE
+12V
+12V
VID2
VID4
VID1
DACOUT
MAIN
CONTROL
ISL6223
VID3
VID2
VID1
VID0
FB
+5V
COMP
PWM1
PWM2
ISEN2
VSEN
FS/DIS
ISEN1
GND
VIN +12V
BOOT2
UGATE2
PHASE2
LGATE2
BOOT1
UGATE1
PHASE1
LGATE1
PWM1
PVCC
+5V
VCC
VIN = +12V
+12V
DUAL
DRIVER
HIP6602
PGOOD
PGND
VCC
+VCORE
PWM2
VID4
GND
DACOUT
ISL6223


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn