Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL6219A Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL6219A
Description  Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6219A Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6219A Datasheet HTML 1Page - Intersil Corporation ISL6219A Datasheet HTML 2Page - Intersil Corporation ISL6219A Datasheet HTML 3Page - Intersil Corporation ISL6219A Datasheet HTML 4Page - Intersil Corporation ISL6219A Datasheet HTML 5Page - Intersil Corporation ISL6219A Datasheet HTML 6Page - Intersil Corporation ISL6219A Datasheet HTML 7Page - Intersil Corporation ISL6219A Datasheet HTML 8Page - Intersil Corporation ISL6219A Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Functional Pin Descriptions
VID0, VID1, VID2, VID3, VID4 (Pins 1, 2, 3, 4, 5)
These are the inputs to the internal DAC that provide the
reference voltage for output regulation. Each pin has an
internal 20
µA pull-up current source to 2.5V making the parts
compatible with CMOS and TTL logic from 5V down to 2.5V.
When a VID change is detected the reference voltage slowly
ramps up or down to the new value in 25mV steps. Connect
these pins to either open-drain or active-pull-up type outputs.
Pulling these pins above 2.9V can cause a reference offset
inaccuracy.
FS/EN (Pin 7)
This is a dual function pin. A resistor placed from FS/EN to
ground sets the switching frequency. There is an inverse
relationship between the value of the resistor and the
switching frequency. This pin can also be used to disable the
controller. To disable the controller, pull this pin below 1V.
FB (Pin 8) and COMP (Pin 9)
The internal error amplifier’s inverting input and output
respectively. These pins are connected to an external R-C
network to compensate the regulator.
GND (Pin 14)
Bias and signal ground for the IC.
VSEN (Pin 15)
Power good monitor input. Connect to the microprocessor
CORE voltage.
PWM3, PWM2, PWM1 (Pins 18, 21, 22)
Pulse-width modulation outputs. These logic outputs tell the
driver IC(s) when to turn the MOSFETs on and off.
ISEN3, ISEN2, ISEN1 (PINS 19, 20, 23)
Current sense inputs. A resistor connected between these
pins and the respective phase nodes has a current
proportional to the current in the lower MOSFET during its
conduction interval. The current is used as a reference for
channel balancing, load sharing, protection, and load-line
regulation.
PGOOD (Pin 25)
Power good. This pin is an open-drain logic signal that
indicates when the microprocessor CORE voltage (VSEN
pin) is within specified limits and soft-start has timed out.
VCC (Pin 28)
Bias supply voltage for the controller. Connect this pin to a
5V power supply.
ISL6219A


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn