Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMQS2A1836DGBA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RMQS2A1836DGBA
Description  18-Mbit QDR??II SRAM 2-word Burst
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMQS2A1836DGBA Datasheet(HTML) 4 Page - Renesas Technology Corp

  RMQS2A1836DGBA_15 Datasheet HTML 1Page - Renesas Technology Corp RMQS2A1836DGBA_15 Datasheet HTML 2Page - Renesas Technology Corp RMQS2A1836DGBA_15 Datasheet HTML 3Page - Renesas Technology Corp RMQS2A1836DGBA_15 Datasheet HTML 4Page - Renesas Technology Corp RMQS2A1836DGBA_15 Datasheet HTML 5Page - Renesas Technology Corp RMQS2A1836DGBA_15 Datasheet HTML 6Page - Renesas Technology Corp RMQS2A1836DGBA_15 Datasheet HTML 7Page - Renesas Technology Corp RMQS2A1836DGBA_15 Datasheet HTML 8Page - Renesas Technology Corp RMQS2A1836DGBA_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
RMQS2A1836DGBA, RMQS2A1818DGBA
Datasheet
R10DS0246EJ0100 Rev.1.00
Page 4 of 29
Jan.13, 2015
Pin Arrangement
[RMQS2A1836DGBA]
512k x 36
(Top View)
1
2
3
4
5
6
7
8
9
10
11
A
/CQ
NC
NC
/W
/BW2
/K
/BW1
/R
NC
NC
CQ
B
Q27
Q18
D18
SA
/BW3
K
/BW0
SA
D17
Q17
Q8
C
D27
Q28
D19
VSS
SA
SA
SA
VSS
D16
Q7
D8
D
D28
D20
Q19
VSS
VSS
VSS
VSS
VSS
Q16
D15
D7
E
Q29
D29
Q20
VDDQ
VSS
VSS
VSS
VDDQ
Q15
D6
Q6
F
Q30
Q21
D21
VDDQ
VDD
VSS
VDD
VDDQ
D14
Q14
Q5
G
D30
D22
Q22
VDDQ
VDD
VSS
VDD
VDDQ
Q13
D13
D5
H
/DOFF
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
D31
Q31
D23
VDDQ
VDD
VSS
VDD
VDDQ
D12
Q4
D4
K
Q32
D32
Q23
VDDQ
VDD
VSS
VDD
VDDQ
Q12
D3
Q3
L
Q33
Q24
D24
VDDQ
VSS
VSS
VSS
VDDQ
D11
Q11
Q2
M
D33
Q34
D25
VSS
VSS
VSS
VSS
VSS
D10
Q1
D2
N
D34
D26
Q25
VSS
SA
SA
SA
VSS
Q10
D9
D1
P
Q35
D35
Q26
SA
SA
C
SA
SA
Q9
D0
Q0
R
TDO
TCK
SA
SA
SA
/C
SA
SA
SA
TMS
TDI
Notes: 1.
Address expansion order for future higher density SRAMs: 9A → 3A → 10A → 2A → 7A → 5B.
2.
NC pins can be left floating or connected to 0V to VDDQ


Similar Part No. - RMQS2A1836DGBA_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMQS2A1836DGBA RENESAS-RMQS2A1836DGBA Datasheet
850Kb / 30P
   18-Mbit QDR™ II SRAM 2-word Burst
Jan.13, 2015
More results

Similar Description - RMQS2A1836DGBA_15

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1310BV18 CYPRESS-CY7C1310BV18_07 Datasheet
1Mb / 28P
   18-Mbit QDR??II SRAM 2 Word Burst Architecture
CY7C1310CV18 CYPRESS-CY7C1310CV18 Datasheet
1Mb / 26P
   18-Mbit QDR-II??SRAM 2-Word Burst Architecture
logo
Renesas Technology Corp
RMQS2A1836DGBA RENESAS-RMQS2A1836DGBA Datasheet
850Kb / 30P
   18-Mbit QDR™ II SRAM 2-word Burst
Jan.13, 2015
logo
Cypress Semiconductor
CY7C1310BV18 CYPRESS-CY7C1310BV18 Datasheet
262Kb / 25P
   18-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1310JV18 CYPRESS-CY7C1310JV18 Datasheet
639Kb / 26P
   18 Mbit QDR-II SRAM 2-Word Burst Architecture
logo
Renesas Technology Corp
RMQS3A1836DGBA RENESAS-RMQS3A1836DGBA_15 Datasheet
862Kb / 30P
   18-Mbit QDR??II SRAM 4-word Burst
R1Q2A4436RBG RENESAS-R1Q2A4436RBG_15 Datasheet
937Kb / 30P
   144-Mbit QDR??II SRAM 2-word Burst
RMQS2A3636DGBA RENESAS-RMQS2A3636DGBA_15 Datasheet
888Kb / 30P
   36-Mbit QDR??II SRAM 2-word Burst
logo
Cypress Semiconductor
CY7C1311BV18 CYPRESS-CY7C1311BV18 Datasheet
259Kb / 23P
   18-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1311BV18 CYPRESS-CY7C1311BV18_06 Datasheet
505Kb / 28P
   18-Mbit QDR??II SRAM 4-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com