Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6219 Datasheet(PDF) 16 Page - Intersil Corporation

Part # ISL6219
Description  Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6219 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button ISL6219 Datasheet HTML 9Page - Intersil Corporation ISL6219 Datasheet HTML 10Page - Intersil Corporation ISL6219 Datasheet HTML 11Page - Intersil Corporation ISL6219 Datasheet HTML 12Page - Intersil Corporation ISL6219 Datasheet HTML 13Page - Intersil Corporation ISL6219 Datasheet HTML 14Page - Intersil Corporation ISL6219 Datasheet HTML 15Page - Intersil Corporation ISL6219 Datasheet HTML 16Page - Intersil Corporation ISL6219 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
page 3). Figure 13 and Equation 23 are provided to assist in
the selecting the correct value for RT.
Input Capacitor Selection
The input capacitors are responsible for sourcing the ac
component of the input current flowing into the upper
MOSFETs. Their rms current capacity must be sufficient to
handle the ac component of the current drawn by the upper
MOSFETs which is related to duty cycle and the number of
active phases.
Figures 14 and 15 can be used to determine the input-
capacitor rms current as of duty cycle, maximum sustained
output current (IO), and the ratio of the combined peak-to-
peak inductor current (IL,PP) to IO. Figure 16 is provided as a
reference to demonstrate the dramatic reductions in input-
capacitor rms current upon the implementation of the
multiphase topology.
RT
10
11.09
1.13
fS
()
log
[]
=
(EQ. 23)
FIGURE 13. RT VS SWITCHING FREQUENCY
100
1000
10000
10
SWITCHING FREQUENCY (KHZ)
10
100
1000
0.3
0.1
0
0.2
FIGURE 14. NORMALIZED INPUT-CAPACITOR RMS
CURRENT VS DUTY CYCLE FOR 2-PHASE
00.4
1.0
0.2
0.6
0.8
DUTY CYCLE (VO /VIN )
IPP = 0
IPP = 0.5 IO
IPP = 0.75 IO
DUTY CYCLE (VIN / VO)
FIGURE 15. NORMALIZED INPUT-CAPACITOR RMS
CURRENT VS DUTY CYCLE FOR 3-PHASE
00.4
1.0
0.2
0.6
0.8
0.3
0.1
0
0.2
IPP = 0
IPP = 0.25 IO
IPP = 0.5 IO
IPP = 0.75 IO
FIGURE 16. NORMALIZED INPUT-CAPACITOR RMS
CURRENT VS DUTY CYCLE FOR SINGLE-PHASE
CONVERTER
00.4
1.0
0.2
0.6
0.8
DUTY CYCLE (VIN / VO)
0.6
0.2
0
0.4
IPP = 0
IPP = 0.5 IO
IPP = 0.75 IO
ISL6219


Similar Part No. - ISL6219

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219A INTERSIL-ISL6219A Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219A INTERSIL-ISL6219A Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219A RENESAS-ISL6219A Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6219ACA INTERSIL-ISL6219ACA Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219ACA INTERSIL-ISL6219ACA Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
More results

Similar Description - ISL6219

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6219A INTERSIL-ISL6219A Datasheet
408Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
ISL6219A INTERSIL-ISL6219A_07 Datasheet
453Kb / 17P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Renesas Technology Corp
ISL6219A RENESAS-ISL6219A Datasheet
841Kb / 16P
   Microprocessor CORE Voltage Regulator Precision Multi-Phase BUCK PWM Controller for Mobile Applications
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com