Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6207CB Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6207CB
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6207CB Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6207CB Datasheet HTML 1Page - Intersil Corporation ISL6207CB Datasheet HTML 2Page - Intersil Corporation ISL6207CB Datasheet HTML 3Page - Intersil Corporation ISL6207CB Datasheet HTML 4Page - Intersil Corporation ISL6207CB Datasheet HTML 5Page - Intersil Corporation ISL6207CB Datasheet HTML 6Page - Intersil Corporation ISL6207CB Datasheet HTML 7Page - Intersil Corporation ISL6207CB Datasheet HTML 8Page - Intersil Corporation ISL6207CB Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
®
FN9075.7
ISL6207
High Voltage Synchronous Rectified Buck
MOSFET Driver
The ISL6207 is a high frequency, dual MOSFET driver,
optimized to drive two N-Channel power MOSFETs in a
synchronous-rectified buck converter topology in mobile
computing applications. This driver, combined with an Intersil
Multi-Phase Buck PWM controller, such as ISL6223, ISL6215,
and ISL6216, forms a complete single-stage core-voltage
regulator solution for advanced mobile microprocessors.
The ISL6207 features 4A typical sink current for the lower gate
driver. The 4A typical sink current is capable of holding the
lower MOSFET gate during the Phase node rising edge to
prevent the shoot-through power loss caused by the high dv/dt
of the Phase node. The operation voltage matches the 30V
breakdown voltage of the MOSFETs commonly used in mobile
computer power supplies.
The ISL6207 also features a three-state PWM input that,
working together with most of Intersil multiphase PWM
controllers, will prevent a negative transient on the output
voltage when the output is being shut down. This feature
eliminates the Schottky diode, that is usually seen in a
microprocessor power system for protecting the
microprocessor, from reversed-output-voltage damage.
The ISL6207 has the capacity to efficiently switch power
MOSFETs at frequencies up to 2MHz. Each driver is capable
of driving a 3000pF load with a 15ns propagation delay and
less than a 10ns transition time. This product implements
bootstrapping on the upper gate with an internal bootstrap
Schottky diode, reducing implementation cost, complexity,
and allowing the use of higher performance, cost effective
N-Channel MOSFETs. Adaptive shoot-through protection is
integrated to prevent both MOSFETs from conducting
simultaneously.
Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• 30V Operation Voltage
•0.4
Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise Time
- Short Propagation Delays
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• QFN Package:
- Compliant to JEDEC PUB95 MO-220
QFN - Quad Flat No Leads - Package Outline
- Near Chip Scale Package footprint, which improves
PCB efficiency and has a thinner profile
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• Core Voltage Supplies for Intel and AMD® Mobile
Microprocessors
• High Frequency Low Profile DC-DC Converters
• High Current Low Output Voltage DC-DC Converters
• High Input Voltage DC-DC Converters
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Technical Brief TB389 “PCB Land Pattern Design and
Surface Mount Guidelines for QFN Packages”
Ordering Information
PART #
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL6207CB
-10 to 85
8 Lead SOIC
M8.15
ISL6207CBZ (Note)
-10 to 85
8 Lead SOIC (Pb-free)
M8.15
ISL6207CBZA (Note)
-10 to 85
8 Lead SOIC (Pb-free)
M8.15
ISL6207CR
-10 to 85
8 Lead 3x3 QFN
L8.3x3
ISL6207CRZ (Note)
-10 to 85
8 Lead 3x3 QFN (Pb-free) L8.3x3
ISL6207CRZA (Note)
-10 to 85
8 Lead 3x3 QFN (Pb-free) L8.3x3
ISL6207HBZ (Note)
-10 to 100 8 Ld SOIC (Pb-free)
M8.15
ISL6207HRZ (Note)
-10 to 100 8 Ld 3x3 QFN (Pb-free)
L8.3x3
Add “-T” suffix for tape and reel.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Pinouts
ISL6207 (SOIC-8)
TOP VIEW
ISL6207 (QFN)
TOP VIEW
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
EN
VCC
LGATE
7
8
4
3
1
2
6 EN
VCC
BOOT
PWM
5
6
Data Sheet
July 25, 2005
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003-2005. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
Intel® is a registered trademark of Intel Corporation. AMD® is a registered trademark of Advanced Micro Devices, Inc.


Similar Part No. - ISL6207CB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6207CB RENESAS-ISL6207CB Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207CBZ RENESAS-ISL6207CBZ Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207CBZA RENESAS-ISL6207CBZA Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results

Similar Description - ISL6207CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6206 INTERSIL-ISL6206 Datasheet
97Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com