Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6206 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6206
Description  High Voltage Synchronous Rectified Buck MOSFET Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6206 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6206 Datasheet HTML 1Page - Intersil Corporation ISL6206 Datasheet HTML 2Page - Intersil Corporation ISL6206 Datasheet HTML 3Page - Intersil Corporation ISL6206 Datasheet HTML 4Page - Intersil Corporation ISL6206 Datasheet HTML 5Page - Intersil Corporation ISL6206 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Functional Pin Description
UGATE (Pin 1)
Upper gate drive output. Connect to the gate of the high-side
N-Channel power MOSFET.
BOOT (Pin 2)
Floating bootstrap supply pin for the upper gate drive.
Connect the bootstrap capacitor between this pin and the
PHASE pin. The bootstrap capacitor provides the charge to
turn on the upper MOSFET. See the Bootstrap Diode and
Capacitor section under DESCRIPTION for guidance in
choosing the appropriate capacitor value.
PWM (Pin 3)
The PWM signal is the control input for the driver. The PWM
signal can enter three distinct states during operation, see the
three-state PWM Input section under DESCRIPTION for further
details. Connect this pin to the PWM output of any Intersil
multiphase controllers.
GND (Pin 4)
Ground pin. All signals are referenced to this node.
LGATE (Pin 5)
Lower gate drive output. Connect to the gate of the low-side
N-Channel power MOSFET.
VCC (Pin 6)
Connect this pin to a +5V bias supply. Place a high quality
bypass capacitor from this pin to GND.
NC (Pin 7)
No connection. Leave this pin floating.
PHASE (Pin 8)
Connect this pin to the source of the upper MOSFET and the
drain of the lower MOSFET. This pin provides a return path
for the upper gate driver.
Description
Operation
The ISL6206 dual MOSFET driver controls both high-side and
low-side N-Channel FETs from one externally provided PWM
signal.
A rising edge on PWM initiates the turn-off of the lower
MOSFET (see Timing Diagram). After a short propagation
delay [tPDLLGATE], the lower gate begins to fall. Typical fall
times [tFLGATE] are provided in the Electrical Specifications
section. Adaptive shoot-through circuitry monitors the
LGATE voltage and determines the upper gate delay time
[tPDHUGATE] based on how quickly the LGATE voltage
drops below 1V. This prevents both the lower and upper
MOSFETs from conducting simultaneously or shoot-
through. Once this delay period is complete the upper gate
drive begins to rise [tRUGATE] and the upper MOSFET turns
on.
A falling transition on PWM indicates the turn-off of the upper
MOSFET and the turn-on of the lower MOSFET. A short
propagation delay [tPDLUGATE] is encountered before the
upper gate begins to fall [tFUGATE]. Again, the adaptive
shoot-through circuitry determines the lower gate delay time,
tPDHLGATE. The upper MOSFET gate voltage is monitored
and the lower gate is allowed to rise after the upper MOSFET
gate-to-source voltage drops below 1V. The lower gate then
rises [tRLGATE], turning on the lower MOSFET.
Timing Diagram
PWM
UGATE
LGATE
tPDLLGATE
tFLGATE
tPDHUGATE
tRUGATE
tPDLUGATE
tFUGATE
tPDHLGATE
tRLGATE
ISL6206


Similar Part No. - ISL6206

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6206 RENESAS-ISL6206 Datasheet
392Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
May 2002
ISL6206CB RENESAS-ISL6206CB Datasheet
392Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
May 2002
ISL6206CB-T RENESAS-ISL6206CB-T Datasheet
392Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
May 2002
More results

Similar Description - ISL6206

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6208 INTERSIL-ISL6208 Datasheet
1Mb / 11P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL95808HRZ-T INTERSIL-ISL95808HRZ-T Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
June 29, 2015
logo
Richtek Technology Corp...
RT9610C RICHTEK-RT9610C Datasheet
158Kb / 12P
   High Voltage Synchronous Rectified Buck MOSFET Driver
logo
Renesas Technology Corp
ISL6207 RENESAS-ISL6207 Datasheet
511Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A RENESAS-ISL6208A Datasheet
555Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
February 15, 2006
logo
Intersil Corporation
ISL6205 INTERSIL-ISL6205 Datasheet
419Kb / 6P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6209 INTERSIL-ISL6209_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208A INTERSIL-ISL6208A Datasheet
353Kb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6208 INTERSIL-ISL6208_07 Datasheet
1Mb / 10P
   High Voltage Synchronous Rectified Buck MOSFET Driver
ISL6207 INTERSIL-ISL6207 Datasheet
292Kb / 9P
   High Voltage Synchronous Rectified Buck MOSFET Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com