Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6118HIBZA-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6118HIBZA-T
Description  Dual Power Supply Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6118HIBZA-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6118HIBZA-T Datasheet HTML 2Page - Intersil Corporation ISL6118HIBZA-T Datasheet HTML 3Page - Intersil Corporation ISL6118HIBZA-T Datasheet HTML 4Page - Intersil Corporation ISL6118HIBZA-T Datasheet HTML 5Page - Intersil Corporation ISL6118HIBZA-T Datasheet HTML 6Page - Intersil Corporation ISL6118HIBZA-T Datasheet HTML 7Page - Intersil Corporation ISL6118HIBZA-T Datasheet HTML 8Page - Intersil Corporation ISL6118HIBZA-T Datasheet HTML 9Page - Intersil Corporation ISL6118HIBZA-T Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FIGURE 6. OC TO CR SETTLING TIME WAVEFORMS
FIGURE 7. CR SETTLING TIME vs FAULT CURRENT
FIGURE 8. SLOW TURN-OFF vs CL, Rl = 8Ω
FIGURE 9. FAST TURN-OFF vs CLOAD
FIGURE 10. SWITCH FAULT INDEPENDENCE
Typical Performance Curves (Continued)
TIME (200µs/DIV)
NOMINAL
CURRENT 0.4A
CURRENT REGULATED
LEVEL 0.6A
1
2
345
6
789
10
11
12
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
FAULT CURRENT (A)
0
VOUT VOLTAGE (0.5V/DIV)
TIME (400µs/DIV.)
CL= 10µF
CL= 100µF
VOUT
CL= 0.1µF
ENABLE
VOUT VOLTAGE (0.5V/DIV)
TIME (400µs/DIV)
CL= 10µF
CL= 100µF
VOUT
CL= 0.1µF
VOLTAGE (0.5V/DIV)
TIME (4ms/DIV)
VIN
ISL6118 OUT 1
ISL6118 OUT 2
ISL6118


Similar Part No. - ISL6118HIBZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6118HIBZA RENESAS-ISL6118HIBZA Datasheet
638Kb / 10P
   Dual Power Supply Controller
More results

Similar Description - ISL6118HIBZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6118 RENESAS-ISL6118 Datasheet
638Kb / 10P
   Dual Power Supply Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
logo
Analog Devices
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Linear Technology
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Intersil Corporation
ISL6119 INTERSIL-ISL6119 Datasheet
491Kb / 13P
   USB Dual Port Power Supply Controller
logo
Linear Technology
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com