Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1586 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SA1586
Description  PNP Silicon Plastic Encapsulated Transistor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SA1586 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SA1586_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SA1586
-0.15 A, -50 V
PNP Silicon Plastic Encapsulated Transistor
Elektronische Bauelemente
25-Jan-2011 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base
Emitter
Collector

FEATURES
High DC Current Gain
High Voltage and High Current
Complementary to 2SC4116
Small Package
APPLICATIONS
General Purpose Amplification
CLASSIFICATION OF hFE
PACKAGE INFORMATION
Package
MPQ
LeaderSize
SOT-323
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current - Continuous
IC
-150
mA
Collector Power Dissipation
PC
100
mW
Thermal Resistance Junction to Ambient
RθJA
1250
°C / W
Junction and Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base Breakdown Voltage V(BR)CBO
-50
-
-
V
IC = -100A, IE = 0
Collector to Emitter Breakdown
V(BR)CEO
-50
-
-
V
IC = -1mA, IB = 0
Emitter to Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE = -100A, IC = 0
Collector Cut-off Current
ICBO
-
-
-100
A
VCB = -50V, IE = 0
Emitter Cut-off Current
IEBO
-
-
-100
A
VEB = -5V, IC = 0
DC Current Gain
hFE
70
-
400
VCE = -6V, IC = -2mA
Collector to Emitter
Saturation Voltage
VCE(sat)
-
-
-0.3
V
IC = -100mA, IB = -10mA
Transition Frequency
fT
80
-
-
MHz
VCE = -10V, IC = -1mA
Collector Output Capacitance
Cob
-
-
7
pF
VCB = -10V, IE = 0, f = 1MHz
Product-Rank
2SA1586-O
2SA1586-Y
2SA1586-GR(G)
Range
70~140
120~240
200~400
Marking
SO
SY
SG
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOT-323
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - 2SA1586_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1586 KEXIN-2SA1586_15 Datasheet
1Mb / 2P
   PNP Transistors
More results

Similar Description - 2SA1586_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA1298 SECOS-2SA1298 Datasheet
83Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1579 SECOS-2SA1579 Datasheet
427Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1235A SECOS-2SA1235A_15 Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1235A SECOS-2SA1235A Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1832 SECOS-2SA1832 Datasheet
477Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SB624 SECOS-2SB624_15 Datasheet
427Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1832 SECOS-2SA1832_15 Datasheet
477Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1611 SECOS-2SA1611_15 Datasheet
109Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
2SA1179 SECOS-2SA1179 Datasheet
185Kb / 2P
   PNP Silicon Plastic Encapsulated Transistor
2SA1586 SECOS-2SA1586 Datasheet
83Kb / 1P
   PNP Silicon Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com