Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMLV0414E Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RMLV0414E
Description  4Mb Advanced LPSRAM (256-kword16-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMLV0414E Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RMLV0414E_15 Datasheet HTML 2Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 3Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 4Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 5Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 6Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 7Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 8Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 9Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
RMLV0414E Series
R10DS0216EJ0100 Rev.1.00
Page 6 of 12
2014.2.27
Write Cycle
Parameter
Symbol
Min.
Max.
Unit
Note
Write cycle time
tWC
45
ns
Address valid to write end
tAW
35
ns
Chip select to write end
tCW
35
ns
Write pulse width
tWP
35
ns
10
LB#,UB# valid to write end
tBW
35
ns
Address setup time to write start
tAS
0
ns
Write recovery time from write end
tWR
0
ns
Data to write time overlap
tDW
25
ns
Data hold from write end
tDH
0
ns
Output enable from write end
tOW
5
ns
11
Output disable to output in high-Z
tOHZ
0
18
ns
11,12
Write to output in high-Z
tWHZ
0
18
ns
11,12
Note 10. tWP is the interval between write start and write end.
A write starts when all of (CS#), (WE#) and (one or both of LB# and UB#) become active.
A write is performed during the overlap of a low CS#, a low WE# and a low LB# or a low UB#.
A write ends when any of (CS#), (WE#) or (one or both of LB# and UB#) becomes inactive.
11. This parameter is sampled and not 100% tested.
12. tOHZ and tWHZ are defined as the time when the I/O pins enter a high-impedance state and are not referred to
the I/O levels.


Similar Part No. - RMLV0414E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0414E RENESAS-RMLV0414E_16 Datasheet
468Kb / 14P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
More results

Similar Description - RMLV0414E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0416E RENESAS-RMLV0416E_15 Datasheet
368Kb / 15P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0414E RENESAS-RMLV0414E_16 Datasheet
468Kb / 14P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0416E RENESAS-RMLV0416E_16 Datasheet
475Kb / 15P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0408E RENESAS-RMLV0408E_16 Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
R1LP0408D RENESAS-R1LP0408D_15 Datasheet
293Kb / 13P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408E RENESAS-RMLV0408E_15 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
R1LP0408D RENESAS-R1LP0408D Datasheet
292Kb / 13P
   4Mb Advanced LPSRAM (512-kword × 8-bit)
2012.5.30
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
R10DS0216EJ0100 RENESAS-R10DS0216EJ0100 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com