Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJG0601JSP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RJG0601JSP
Description  짹60V, 짹1.5A, N Channel, P Channel Thermal FET Power Switching
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJG0601JSP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RJG0601JSP_15 Datasheet HTML 3Page - Renesas Technology Corp RJG0601JSP_15 Datasheet HTML 4Page - Renesas Technology Corp RJG0601JSP_15 Datasheet HTML 5Page - Renesas Technology Corp RJG0601JSP_15 Datasheet HTML 6Page - Renesas Technology Corp RJG0601JSP_15 Datasheet HTML 7Page - Renesas Technology Corp RJG0601JSP_15 Datasheet HTML 8Page - Renesas Technology Corp RJG0601JSP_15 Datasheet HTML 9Page - Renesas Technology Corp RJG0601JSP_15 Datasheet HTML 10Page - Renesas Technology Corp RJG0601JSP_15 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RJG0601JSP
Preliminary
R07DS1213EJ0100 Rev.1.00
Page 7 of 12
Jun 20, 2014
D. U. T
Rg
IAP
Monitor
VDS
Monitor
VDD
50
Vin
10 V
0
ID
VDS
IAP
V(BR)DSS
L
VDD
EAR =
L · IAP2 ·
2
1
V(BR)DSS
V(BR)DSS – VDD
Avalanche Test Circuit
Avalanche Waveform
Vin Monitor
D.U.T.
Vin
10V
RL
VDD
= 30 V
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
Vout
Monitor
50
90%
10%
tf
Switching Time Test Circuit
Waveform


Similar Part No. - RJG0601JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJG0601JSP RENESAS-RJG0601JSP_16 Datasheet
395Kb / 13P
   짹60V, 짹1.5A, N Channel, P Channel
More results

Similar Description - RJG0601JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJG0601JSP RENESAS-RJG0601JSP_16 Datasheet
395Kb / 13P
   짹60V, 짹1.5A, N Channel, P Channel
RJG0601JSP RENESAS-RJG0601JSP Datasheet
394Kb / 13P
   ±60V, ±1.5A, N Channel, P Channel Thermal FET Power Switching
Nov 01, 2016
RJE0620JPD RENESAS-RJE0620JPD_15 Datasheet
107Kb / 8P
   ??0V, ??0A, P Channel Thermal FET Power Switching
RJE0618JSP RENESAS-RJE0618JSP_15 Datasheet
106Kb / 8P
   ??0V, ??0A, P Channel Thermal FET Power Switching
RJE0617JSP RENESAS-RJE0617JSP_15 Datasheet
224Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
RJE0617JSP RENESAS-RJE0617JSP Datasheet
262Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
RJF0612DPE RENESAS-RJF0612DPE_15 Datasheet
98Kb / 8P
   60V - 50A - N Channel Thermal FET Power Switching
RJF0612JPE RENESAS-RJF0612JPE Datasheet
115Kb / 8P
   60V - 50A - N Channel Thermal FET Power Switching
RJF0410JPE RENESAS-RJF0410JPE_15 Datasheet
209Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
RJF0614JSP RENESAS-RJF0614JSP Datasheet
237Kb / 8P
   60V, 1.5A N Channel Thermal FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com