Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJF0410JPE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RJF0410JPE
Description  40V - 40A - N Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJF0410JPE Datasheet(HTML) 4 Page - Renesas Technology Corp

  RJF0410JPE_15 Datasheet HTML 1Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 2Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 3Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 4Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 5Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 6Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 7Page - Renesas Technology Corp RJF0410JPE_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RJF0410JPE
R07DS1237EJ0200 Rev.2.00
Page 4 of 7
Jan 29, 2015
25
20
15
10
-50 -25
0
25
50
75 100 125 150
5
1000
10
100
1
0.1
0.1
1
10
100
VGS = 10 V
VGS = 5 V
1
10
100
1000
100
1
10
di / dt = 50 A /
μs
VGS = 0, Ta = 25°C
0.1
1
10
100
tr
1000
100
10
1
VGS = 10 V, VDD = 30 V
PW = 300
μs, duty < 1%
tf
td(on)
td(off)
40
30
20
10
0
0.4
0.8
1.2
1.6
2.0
10000
1000
100
010
20
30
40
VGS = 0
f = 1 MHz
Coss
ID = 5 A, 10 A
ID = 5 A, 10 A, 20 A
20 A
VGS = 0 V, -5 V
5 V
Tc = -40
°C
25
°C
150
°C
Case Temperature
Tc (°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
Reverse Drain Current
IDR (A)
Body-Drain Diode Reverse
Recovery Time
Drain Current
ID (A)
Switching Characteristics
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Pulse Test
Pulse Test
VDS = 10 V
Pulse Test


Similar Part No. - RJF0410JPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0410JPE-00-J3 RENESAS-RJF0410JPE-00-J3 Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
More results

Similar Description - RJF0410JPE_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJF0410JPE RENESAS-RJF0410JPE Datasheet
204Kb / 8P
   40V - 40A - N Channel Thermal FET Power Switching
Oct 29, 2015
RJF0606JPE RENESAS-RJF0606JPE_15 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0618JPE RENESAS-RJF0618JPE Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0606JPE RENESAS-RJF0606JPE_13 Datasheet
236Kb / 8P
   60V-40A Silicon N Channel Thermal FET Power Switching
RJF0411JPD RENESAS-RJF0411JPD Datasheet
269Kb / 8P
   40V, 34A Silicon N Channel Thermal FET Power Switching
RJF0409JSP RENESAS-RJF0409JSP Datasheet
277Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0408JPD RENESAS-RJF0408JPD_15 Datasheet
110Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
RJF0408JPD RENESAS-RJF0408JPD Datasheet
206Kb / 8P
   40V, 30A Silicon N Channel Thermal FET Power Switching
Jul 28, 2015
RJF0409JSP RENESAS-RJF0409JSP_15 Datasheet
332Kb / 8P
   40V, 5A Silicon N Channel Thermal FET Power Switching
RJK0454DPB RENESAS-RJK0454DPB_13 Datasheet
152Kb / 7P
   40V, 40A, 4.9m max. Silicon N Channel Power MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com