Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA230215GSB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RAA230215GSB
Description  5.5V Input, 3A, Step-Down DC/DC Converter LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA230215GSB Datasheet(HTML) 4 Page - Renesas Technology Corp

  RAA230215GSB Datasheet HTML 1Page - Renesas Technology Corp RAA230215GSB Datasheet HTML 2Page - Renesas Technology Corp RAA230215GSB Datasheet HTML 3Page - Renesas Technology Corp RAA230215GSB Datasheet HTML 4Page - Renesas Technology Corp RAA230215GSB Datasheet HTML 5Page - Renesas Technology Corp RAA230215GSB Datasheet HTML 6Page - Renesas Technology Corp RAA230215GSB Datasheet HTML 7Page - Renesas Technology Corp RAA230215GSB Datasheet HTML 8Page - Renesas Technology Corp RAA230215GSB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
RAA23021x
R18DS0013EJ0102 Rev.1.02
Page 4 of 34
Jul 23. 2014
ch1/ch2: Adjustable output voltage by external resistor.
Sequence pattern 2 (ch2 followed by ch1)
SHDNB1
PG
PGND1
LOUT1
OUT2
VIN
II2
DSTB
ch1 or ch2
II1
ch1 OUT
SHDNB2
AGND
TEST1
TEST2
TEST3
AVDD
+
+
0.8V
E/A1
VPIN1
ch2 OUT
ch1 OUT
LDO
VPIN2
Micro
controller
Phase
Compensator
Oscillator
OSC
Under Voltage Lockout
Circuit UVLO
Control
Control Circuit
• ON/OFF
• Soft Start
• Discharge
TEST Circuit
Short-Circuit
Protection
Circuit SCP
Thermal
Shutdown
Circuit TSD
Output Control
(Current mode
/current limit)
Discharge Control
Discharge Control
Reference
Voltage
VREF
Internal
Power Supply
VREG
VREG
VREG


Similar Part No. - RAA230215GSB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA230215GSBHA0 RENESAS-RAA230215GSBHA0 Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
More results

Similar Description - RAA230215GSB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
   18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Analog Intergrations Co...
AIC2565 AIC-AIC2565 Datasheet
399Kb / 13P
   23V 3A Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com