Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R-IN32M3 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R-IN32M3
Description  LSI for Industrial Ethernet
Download  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R-IN32M3 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R-IN32M3_15 Datasheet HTML 20Page - Renesas Technology Corp R-IN32M3_15 Datasheet HTML 21Page - Renesas Technology Corp R-IN32M3_15 Datasheet HTML 22Page - Renesas Technology Corp R-IN32M3_15 Datasheet HTML 23Page - Renesas Technology Corp R-IN32M3_15 Datasheet HTML 24Page - Renesas Technology Corp R-IN32M3_15 Datasheet HTML 25Page - Renesas Technology Corp R-IN32M3_15 Datasheet HTML 26Page - Renesas Technology Corp R-IN32M3_15 Datasheet HTML 27Page - Renesas Technology Corp R-IN32M3_15 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 105 page
background image
R-IN32M3 Series Data Sheet
2. Pin Information
R18DS0008EJ0204
Page 24 of 100
Dec 25, 2014
2.3.6
Serial Flash ROM Interface Signals
The Serial Flash ROM Interface supports Fast Read, Fast Read Dual Output and Fast Read Dual I/O mode.
Pin Name
I/O
Function
Shared Port
Active
Level during reset
SMSCK
O
Serial clock output port for serial flash
ROM
P14
↑ / ↓
Hi-Z
With internal
pull-up resistor
SMSI
I/O
Serial data port for serial flash ROM
(Connect to SO of serial flash ROM)
P15
High
SMSO
I/O
Serial data port for serial flash ROM
(Connect to SI of serial flash ROM)
P16
High
SMCSZ
O
Chip select output port for serial flash
ROM
P17
Low
2.3.7
DMA Interface Signals
There are two DMA Controllers: one with four internal channels but only two external interfaces, and one with one
internal channel and one external interce as real-time DMA controller.
Pin Name
I/O
Function
Shared Port
Active
Level during reset
RTDMAREQZ
I
RTDMAC DMA transfer request port
P62
Low
Hi-Z
R-IN32M3-EC:
Hi-Z (without
internal resistor)
R-IN32M3-CL:
With internal
pull-up resistor
RTDMAACKZ
O
RTDMAC DMA acknowledge output
port
P63
Low
RTDMATCZ
O
RTDMAC Terminal count output port
P64
Low
DMAREQZ0
I
DMA transfer request port 0
P65
Low
DMAACKZ0
O
DMA acknowledge output port 0
P66
Low
DMATCZ0
O
DMA Terminal count output port 0
P67
Low
DMAREQZ1
I
DMA transfer request port 1
P32
Low
Hi-Z
With internal
pull-up resistor
DMAACKZ1
O
DMA acknowledge output port 1
P33
Low
DMATCZ1
O
DMA Terminal count output port 1
P34
Low
Caution Each DMA interface is assigned to a specific DMA channel.
DMA channel 0 = interface 0 (DMAREQZ0, DMAACKZ0, DMATCZ0)
DMA channel 1 = interface 1 (DMAREQZ1, DMAACKZ1, DMATCZ1)
DMA channels 2, 3 = no external interface


Similar Part No. - R-IN32M3_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R-IN32M3-CL RENESAS-R-IN32M3-CL Datasheet
1Mb / 116P
   LSI for Industrial Ethernet
R-IN32M3-EC RENESAS-R-IN32M3-EC Datasheet
407Kb / 10P
   System LSI
R-IN32M3-EC RENESAS-R-IN32M3-EC Datasheet
1Mb / 116P
   LSI for Industrial Ethernet
More results

Similar Description - R-IN32M3_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R-IN32M3 RENESAS-R-IN32M3 Datasheet
1Mb / 116P
   LSI for Industrial Ethernet
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
74003PU ETC2-74003PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
1319766 ETC2-1319766 Datasheet
286Kb / 4P
   Industrial Ethernet Cables
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
logo
List of Unclassifed Man...
1319759 ETC2-1319759 Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Red Lion Controls. Inc
708TX REDLION-708TX Datasheet
777Kb / 3P
   Industrial Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com