Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAA23021X Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RAA23021X
Description  5.5V Input, 3A, Step-Down DC/DC Converter LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA23021X Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RAA23021X_15 Datasheet HTML 7Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 8Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 9Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 10Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 11Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 12Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 13Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 14Page - Renesas Technology Corp RAA23021X_15 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
RAA23021x
R18DS0013EJ0102 Rev.1.02
Page 11 of 34
Jul 23. 2014
Ch1 Operation Waveforms
VOUT1
50mV/Div.
LOUT1
2V/Div.
IL1
0.5A/Div.
VOUT1
50mV/Div.
LOUT1
2V/Div.
IL1
0.1A/Div.
VOUT1=3.3V, IOUT1=1A
VOUT1=3.3V, IOUT1=0.01A
0.4us/Div.
0.4us/Div.
VOUT1
50mV/Div.
LOUT1
2V/Div.
IL1
0.1A/Div.
VOUT1=3.3V, IOUT1=0A
4ms/Div.


Similar Part No. - RAA23021X_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
More results

Similar Description - RAA23021X_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA23021X RENESAS-RAA23021X Datasheet
1Mb / 36P
   5.5V Input, 3A, Step-Down DC/DC Converter LDO
Jul 23, 2014
RAA23012X RENESAS-RAA23012X Datasheet
1Mb / 28P
   16V Input, 3A, Step-Down DC/DC Converter
RAA23022X RENESAS-RAA23022X Datasheet
1Mb / 32P
   16V Input, 3A, Dual Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
ACT2103 ACTIVE-SEMI-ACT2103 Datasheet
733Kb / 16P
   18V/3A Step-Down DC/DC Converter
Rev 2, 23-May-12
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466_14 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Analog Intergrations Co...
AIC2565 AIC-AIC2565 Datasheet
399Kb / 13P
   23V 3A Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com