Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6119EVAL1 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6119EVAL1
Description  USB Dual Port Power Supply Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6119EVAL1 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6119EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 9Page - Intersil Corporation ISL6119EVAL1 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Typical Performance Curves
FIGURE 2. SWITCH ON RESISTANCE AT 0.7A
FIGURE 3. VOUT SOFT START vs CLOAD, Rl = 10Ω
FIGURE 4. CURRENT REGULATION vs Vout (VIN = 3.3V)
FIGURE 5. CURRENT REGULATION vs VOUT (VIN = 5.0V)
FIGURE 6. OC TO CR SETTLING TIME WAVEFORMS
FIGURE 7. CR SETTLING TIME vs FAULT CURRENT
-40 -30 -20 -10 0
10203040 5060 708090
TEMPERATURE (°C)
40
50
60
70
80
90
100
110
120
100
VIN = 2.7V
VIN = 3.3V
VIN = 5V
CL = 0.1µF
ENABLE
CL = 100µF
10µF
TIME (400µs/DIV)
OUTPUT
1.25
1.5
1.75
2.0
2.25
2.5
2.75
3.0
VOUT (V)
3.1
800
900
1000
1100
1200
+85°C
+25°C
-40°C
1.3 1.5
2.0
2.5
3.0
3.5
4.0
4.5
VOUT (V)
4.8
800
900
1000
1100
1200
+85°C
-40°C
+25°C
TIME (200µs /DIV)
CURRENT REGULATED
LEVEL
NOMINAL CURRENT
123456789
10
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
FAULT CURRENT (A)
ISL6119


Similar Part No. - ISL6119EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119EVAL1 INTERSIL-ISL6119EVAL1 Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119EVAL1 RENESAS-ISL6119EVAL1 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
More results

Similar Description - ISL6119EVAL1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com