Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1QKA4436RBG-25IB0 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # R1QKA4436RBG-25IB0
Description  144-Mbit QDR?줚I SRAM 4-word Burst Architecture(2.0 Cycle Read latency) with ODT
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1QKA4436RBG-25IB0 Datasheet(HTML) 5 Page - Renesas Technology Corp

  R1QKA4436RBG-25IB0 Datasheet HTML 1Page - Renesas Technology Corp R1QKA4436RBG-25IB0 Datasheet HTML 2Page - Renesas Technology Corp R1QKA4436RBG-25IB0 Datasheet HTML 3Page - Renesas Technology Corp R1QKA4436RBG-25IB0 Datasheet HTML 4Page - Renesas Technology Corp R1QKA4436RBG-25IB0 Datasheet HTML 5Page - Renesas Technology Corp R1QKA4436RBG-25IB0 Datasheet HTML 6Page - Renesas Technology Corp R1QKA4436RBG-25IB0 Datasheet HTML 7Page - Renesas Technology Corp R1QKA4436RBG-25IB0 Datasheet HTML 8Page - Renesas Technology Corp R1QKA4436RBG-25IB0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
R1QKA4436RBG,R1QKA4418RBG
Datasheet
R10DS0138EJ0202 Rev.2.02
Page 5 of 30
Aug 01, 2014
[R1QKA4418RBG]
8M x 18
(Top View)
1
2
3
4
5
6
7
8
9
10
11
A
/CQ
SA
SA
/W
/BW1
/K
NC
/R
SA
SA
CQ
B
NC
Q9
D9
SA
NC
K
/BW0
SA
NC
NC
Q8
C
NC
NC
D10
VSS
SA
NC
SA
VSS
NC
Q7
D8
D
NC
D11
Q10
VSS
VSS
VSS
VSS
VSS
NC
NC
D7
E
NC
NC
Q11
VDDQ
VSS
VSS
VSS
VDDQ
NC
D6
Q6
F
NC
Q12
D12
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
Q5
G
NC
D13
Q13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
D5
H
/DOFF
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
J
NC
NC
D14
VDDQ
VDD
VSS
VDD
VDDQ
NC
Q4
D4
K
NC
NC
Q14
VDDQ
VDD
VSS
VDD
VDDQ
NC
D3
Q3
L
NC
Q15
D15
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
Q2
M
NC
NC
D16
VSS
VSS
VSS
VSS
VSS
NC
Q1
D2
N
NC
D17
Q16
VSS
SA
SA
SA
VSS
NC
NC
D1
P
NC
NC
Q17
SA
SA
QVLD
SA
SA
NC
D0
Q0
R
TDO
TCK
SA
SA
SA
ODT
SA
SA
SA
TMS
TDI
Notes: 1.
Address expansion order for future higher density SRAMs: 10A → 2A → 7A → 5B.
2.
NC pins can be left floating or connected to 0V to VDDQ


Similar Part No. - R1QKA4436RBG-25IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QKA4436RBG RENESAS-R1QKA4436RBG Datasheet
503Kb / 37P
   144-Mbit DDRII SRAM 2-word Burst
More results

Similar Description - R1QKA4436RBG-25IB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1QPA4436RBG RENESAS-R1QPA4436RBG_15 Datasheet
936Kb / 31P
   144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QGA4436RBG RENESAS-R1QGA4436RBG_15 Datasheet
930Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.0 Cycle Read latency)
R1QDA4436RBG RENESAS-R1QDA4436RBG_15 Datasheet
999Kb / 31P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency) with ODT
R1QNA4436RBG RENESAS-R1QNA4436RBG_15 Datasheet
923Kb / 30P
   144-Mbit QDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
R1QAA4436RBG RENESAS-R1QAA4436RBG_15 Datasheet
931Kb / 30P
   144-Mbit QDR?줚I SRAM 4-word Burst Architecture (2.5 Cycle Read latency)
R1QLA4436RBG RENESAS-R1QLA4436RBG_15 Datasheet
955Kb / 31P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency) with ODT
RMQSKA3636DGBA RENESAS-RMQSKA3636DGBA_15 Datasheet
896Kb / 31P
   36-Mbit QDR??II SRAM 4-word Burst Architecture (2.0 Cycle Read latency) with ODT
R1QEA4436RBG RENESAS-R1QEA4436RBG_15 Datasheet
958Kb / 31P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture ( 2.5 Cycle Read latency ) with ODT
R1QHA4436RBG RENESAS-R1QHA4436RBG_15 Datasheet
916Kb / 30P
   144-Mbit DDR?줚I SRAM 2-word Burst Architecture (2.0 Cycle Read latency)
RMQSKA3636DGBA RENESAS-RMQSKA3636DGBA Datasheet
399Kb / 31P
   36-Mbit QDR™ II SRAM 4-word Burst Architecture (2.0 Cycle Read latency) with ODT
May 25, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com