Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AWB51D9 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # AWB51D9
Description  1.2 GHz CATV Push-pull Amplifier MMIC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

AWB51D9 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  AWB51D9 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. AWB51D9 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. AWB51D9 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. AWB51D9 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. AWB51D9 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. AWB51D9 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. AWB51D9 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. AWB51D9 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. AWB51D9 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AWB51D9
3.2
Performance Table
Supply voltage = +8 V, TA = +25 °C, ZO = 75 Ω.
Parameter
Typical
Unit
Frequency
50
500
1200
MHz
Gain
21.8
21.5
22.2
dB
S11
-19
-15
-14.5
dB
S22
-21
-17
-16
dB
Noise Figure
2.4
2.6
2.4
dB
CSO1)
60
dBc
CTB1)
63
dBc
Current
370
mA
Device Voltage
+8
V
1) CSO & CTB measured at Pout = 108 dBµV flat for Cenelec-42 channels.
3.3
Plot of S-parameter & Stability Factor
0
200
400
600
800
1000
1200
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
20
30
40
0
1
2
3
4
5
6
7
8
9
10
S21
S12
S11
S22
K
5/9
ASB Inc.
• sales@asb.co.kr
July 2014


Similar Part No. - AWB51D9

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB51D9 ASB-AWB51D9 Datasheet
508Kb / 9P
   1.2 GHz CATV Push-pull Amplifier MMIC
June 2017
AWB51D9 ASB-AWB51D9_17 Datasheet
508Kb / 9P
   1.2 GHz CATV Push-pull Amplifier MMIC
June 2017
More results

Similar Description - AWB51D9

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
AWB31F5 ASB-AWB31F5 Datasheet
452Kb / 7P
   1.2 GHz CATV Push-pull Amplifier MMIC
July 2015
AWB51D2 ASB-AWB51D2_17 Datasheet
406Kb / 7P
   1.2 GHz CATV Push-pull Amplifier MMIC
June 2017
AWB31D9 ASB-AWB31D9 Datasheet
823Kb / 17P
   1.2 GHz CATV Push-pull Amplifier MMIC
October 2014
AWB51D2 ASB-AWB51D2 Datasheet
269Kb / 7P
   1.2 GHz CATV Push-pull Amplifier MMIC
July 2014
AWB31D9 ASB-AWB31D9_17 Datasheet
1Mb / 21P
   1.2 GHz CATV Push-pull Amplifier MMIC
June 2017
AWB51D7 ASB-AWB51D7 Datasheet
500Kb / 10P
   1.2 GHz CATV Push-pull Amplifier MMIC
July 2014
AWB51D9 ASB-AWB51D9_17 Datasheet
508Kb / 9P
   1.2 GHz CATV Push-pull Amplifier MMIC
June 2017
AWB51D7 ASB-AWB51D7_17 Datasheet
501Kb / 9P
   1.2 GHz CATV Push-pull Amplifier MMIC
February 2017
ASL39D2 ASB-ASL39D2 Datasheet
2Mb / 29P
   1.2GHz CATV Push-pull Amplifier MMIC
July 2017
ASL920 ASB-ASL920 Datasheet
921Kb / 18P
   1.2GHz CATV Push-pull Amplifier MMIC
March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com