Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR510 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR510
Description  1.0 V Precision Low Noise Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR510 Datasheet(HTML) 1 Page - Analog Devices

  ADR510_15 Datasheet HTML 1Page - Analog Devices ADR510_15 Datasheet HTML 2Page - Analog Devices ADR510_15 Datasheet HTML 3Page - Analog Devices ADR510_15 Datasheet HTML 4Page - Analog Devices ADR510_15 Datasheet HTML 5Page - Analog Devices ADR510_15 Datasheet HTML 6Page - Analog Devices ADR510_15 Datasheet HTML 7Page - Analog Devices ADR510_15 Datasheet HTML 8Page - Analog Devices ADR510_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.0 V Precision Low Noise
Shunt Voltage Reference
ADR510
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Precision 1.000 V voltage reference
Ultracompact 3 mm × 3 mm SOT-23 package
No external capacitor required
Low output noise: 4 μV p-p (0.1 Hz to 10 Hz)
Initial accuracy: ±0.35% maximum
Temperature coefficient: 70 ppm/°C maximum
Operating current range: 100 μA to 10 mA
Output impedance: 0.3 Ω maximum
Temperature range: −40°C to +85°C
APPLICATIONS
Precision data acquisition systems
Battery-powered equipment
Cellular phone
Notebook computer
PDA
GPS
3 V/5 V, 8-/12-bit data converters
Portable medical instruments
Industrial process control systems
Precision instruments
PIN CONFIGURATION
NC = NO CONNECT
V+ 1
V– 2
TRIM/NC
3
ADR510
TOP VIEW
(Not to Scale)
Figure 1. 3-Lead SOT-23-3
GENERAL DESCRIPTION
Designed for space critical applications, the ADR510 is a low
voltage (1.000 V), precision shunt-mode voltage reference in an
ultracompact (3 mm × 3 mm) SOT-23-3 package. The ADR510
features low temperature drift (70 ppm/°C), high accuracy
(±0.35%), and ultralow noise (4 μV p-p) performance.
The ADR510 advanced design eliminates the need for an external
capacitor, yet it is stable with any capacitive load. The minimum
operating current increases from 100 μA to a maximum of 10 mA.
This low operating current and ease of use make the ADR510
ideally suited for handheld battery-powered applications.
A TRIM terminal is available on the ADR510 to provide
adjustment of the output voltage over ±0.5% without affecting
the temperature coefficient of the device. This feature provides
users with the flexibility to trim out any system errors.
VS
IL + IQ
IQ
COUT
(OPTIONAL)
VOUT = 1.0V
RBIAS
IL
ADR510
IL + IQ
VS – VOUT
RBIAS =
Figure 2. Typical Operating Circuit
Table 1. ADR510
Part
Output
Voltage, VOUT
Initial Accuracy
Temperature
Coefficient
ADR510A
1.000 V
3.5 mV
0.35%
70 ppm/°C


Similar Part No. - ADR510_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR510ART-R2 AD-ADR510ART-R2 Datasheet
181Kb / 8P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR510ART-REEL7 AD-ADR510ART-REEL7 Datasheet
181Kb / 8P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR510ARTZ-REEL7 AD-ADR510ARTZ-REEL7 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. B
More results

Similar Description - ADR510_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR510 AD-ADR510 Datasheet
181Kb / 8P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR510ARTZ-REEL7 AD-ADR510ARTZ-REEL7 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. B
ADR512 AD-ADR512_15 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
SC4040 SEMTECH-SC4040 Datasheet
99Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
SC1004 SEMTECH-SC1004 Datasheet
60Kb / 3P
   PRECISION SHUNT VOLTAGE REFERENCE
logo
Analog Devices
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com