Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADR380ARTZ-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADR380ARTZ-REEL7
Description  Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR380ARTZ-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  ADR380ARTZ-REEL7 Datasheet HTML 1Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 2Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 3Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 4Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR380ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADR380/ADR381
Rev. C | Page 4 of 16
ADR381 ELECTRICAL CHARACTERISTICS
VIN = 5.0 V, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
2.494
2.500
2.506
V
Initial Accuracy Error
VOERR
−6
+6
mV
−0.24
+0.24
%
Temperature Coefficient
TCVOUT
−40°C < TA < +85°C
5
25
ppm/°C
0°C < TA < 70°C
3
21
ppm/°C
Minimum Supply Voltage Headroom
VIN − VOUT
ILOAD ≤ 2 mA
300
mV
Line Regulation
ΔVOUT/DVIN
VIN = 2.8 V to 15 V, −40°C < TA < +85°C
10
25
ppm/V
Load Regulation
ΔVOUT/DILOAD
VIN = 3.5 V, ILOAD = 0 mA to 5 mA,
−40°C < TA < +85°C
70
ppm/mA
Quiescent Current
IIN
No load
100
120
μA
−40°C < TA < +85°C
140
μA
Voltage Noise
eN
0.1 Hz to 10 Hz
5
μV p-p
Turn-On Settling Time
tR
20
μs
Long-Term Stability
ΔVOUT
1000 Hrs
50
ppm
Output Voltage Hysteresis
VOUT_HYS
75
ppm
Ripple Rejection Ratio
RRR
fIN = 60 Hz
85
dB
Short Circuit to GND
ISC
25
mA
VIN = 5.0 V, TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
2.494
2.500
2.506
V
Initial Accuracy Error
VOERR
−6
+6
mV
−0.24
+0.24
%
Temperature Coefficient
TCVOUT
−40°C < TA < +85°C
5
25
ppm/°C
0°C < TA < 70°C
3
21
ppm/°C
Minimum Supply Voltage Headroom
VIN − VOUT
ILOAD ≤ 2 mA
300
mV
Line Regulation
ΔVOUT/DVIN
VIN = 2.8 V to 15 V, −40°C < TA < +85°C
10
25
ppm/V
Load Regulation
ΔVOUT/DILOAD
VIN = 3.5 V, ILOAD = 0 mA to 5 mA,
−40°C < TA < +85°C
70
ppm/mA
Quiescent Current
IIN
No load
100
120
μA
−40°C < TA < +85°C
140
μA
Voltage Noise
eN
0.1 Hz to 10 Hz
5
μV p-p
Turn-On Settling Time
tR
20
μs
Long-Term Stability
ΔVOUT
1000 Hrs
50
ppm
Output Voltage Hysteresis
VOUT_HYS
75
ppm
Ripple Rejection Ratio
RRR
fIN = 60 Hz
85
dB
Short Circuit to GND
ISC
25
mA


Similar Part No. - ADR380ARTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR380ARTZ-REEL7 AD-ADR380ARTZ-REEL7 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
More results

Similar Description - ADR380ARTZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR381 AD-ADR381_15 Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR381ART AD-ADR381ART Datasheet
246Kb / 16P
   Precision Low Drift 2.048 V/2.500 V SOT-23 Voltage Reference
REV. C
ADR380 AD-ADR380 Datasheet
316Kb / 12P
   Precision Low-Drift 2.048 V/2.500 V SOT-23 Voltage References
REV. A
ADR370 AD-ADR370 Datasheet
182Kb / 12P
   Precision Low Power 2.048 V SOT-23 Voltage Reference
REV. A
ADR390 AD-ADR390 Datasheet
402Kb / 20P
   Precision Low Drift 2.048 V/2.5 V/4.096 V/ 5.0 V SOT-23 Reference with Shutdown
Rev. F
ADR318 AD-ADR318 Datasheet
492Kb / 8P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. 0
ADR318 AD-ADR318_15 Datasheet
484Kb / 12P
   Precision Low Drift SOT-23 Voltage Reference with Shutdown
REV. A
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
   SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com