Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5740 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL5740
Description  3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5740 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL5740 Datasheet HTML 1Page - Intersil Corporation ISL5740 Datasheet HTML 2Page - Intersil Corporation ISL5740 Datasheet HTML 3Page - Intersil Corporation ISL5740 Datasheet HTML 4Page - Intersil Corporation ISL5740 Datasheet HTML 5Page - Intersil Corporation ISL5740 Datasheet HTML 6Page - Intersil Corporation ISL5740 Datasheet HTML 7Page - Intersil Corporation ISL5740 Datasheet HTML 8Page - Intersil Corporation ISL5740 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TM
3-1
PRELIMINARY
ISL5740
3V Dual 10-Bit, 20/40/60MSPS A/D
Converter with Internal Voltage Reference
The ISL5740 is a monolithic, dual 10-bit analog-to-digital
converter fabricated in an advanced CMOS process. It is
designed for high speed applications where integration,
bandwidth and accuracy are essential. The ISL5740
features a 9-stage pipeline architecture. The fully pipelined
architecture and an innovative input stage enable the
ISL5740 to accept a variety of input configurations, single-
ended or fully differential. Only one external clock is
necessary to drive both converters and an internal band-gap
voltage reference is provided. This allows the system
designer to realize an increased level of system integration
resulting in decreased cost and power dissipation.
The ISL5740 has excellent dynamic performance while
consuming less than 280mW power at 60MSPS. The A/D
only requires a single +3.0V power supply. Data output
latches are provided which present valid data to the output
bus with a latency of 5 clock cycles.
The ISL5740 is offered in 20MSPS, 40MSPS and 60MSPS
sampling rates.
Features
• Sampling Rate . . . . . . . . . . . . . . . . . . . . . .20/40/60MSPS
• 9.1 Bits at fIN = 10MHz
• Low Power at 60MSPS. . . . . . . . . . . . . . . . . . . . . .280mW
• Power Down Mode . . . . . . . . . . . . . . . . . . . . . . . . . . 6mW
• Wide Full Power Input Bandwidth. . . . . . . . . . . . . 400MHz
• SFDR at fIN = 10MHz. . . . . . . . . . . . . . . . . . . . . . . . .70dB
• Excellent Channel-to-Channel Isolation . . . . . . . . . . .75dB
• On-Chip Sample and Hold Amplifiers
• Internal Bandgap Voltage Reference . . . . . . . . . . . . 1.25V
• Single Supply Voltage Operation . . . . . . . . . .+2.7V - 3.6V
• TTL/CMOS(3V) Digital Inputs CMOS Digital Outputs
• Offset Binary or Two’s Complement Digital Data Output
Format
• Dual 10-Bit A/D Converters on a Monolithic Chip
• Pin Compatible Upgrade to AD9288
Pinout
• Wireless Local Loop
• PSK and QAM I&Q Demodulators
• Medical Imaging and Instrumentation
• Wireless Communications Systems
• Battery Powered Instruments
Pinout
Ordering Information
PART
NUMBER
TEMP.
RANGE
(oC)
PACKAGE
PKG. NO.
SAMPLIN
G RATE
(MSPS)
ISL5740/2IN
-40 to 85 48 Ld LQFP
Q48.7x7
20
ISL5740/3IN
-40 to 85 48 Ld LQFP
Q48.7x7
30
ISL5740/4IN
-40 to 85 48 Ld LQFP
Q48.7x7
40
ISL5740/6IN
-40 to 85 48 Ld LQFP
Q48.7x7
60
ISL5740 EVAL
25
Evaluation Platform
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
ID1
ID0
GND
DVCC
GND
AVCC
AVCC
GND
DVCC
GND
QD0
QD1
GND
IIN+
IIN-
DFS
IVRIN
S1
S2
QIN-
QIN+
GND
VROUT
QVRIN
Data Sheet
June 2000
File Number
4821.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil and Design is a trademark of Intersil Corporation. | Copyright
© Intersil Corporation 2000


Similar Part No. - ISL5740

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727 INTERSIL-ISL5727 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL5727EVAL1 INTERSIL-ISL5727EVAL1 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727IN INTERSIL-ISL5727IN Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
More results

Similar Description - ISL5740

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5640 INTERSIL-ISL5640 Datasheet
92Kb / 11P
   3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com