Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5123 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL5123
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5123 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL5123 Datasheet HTML 1Page - Intersil Corporation ISL5123 Datasheet HTML 2Page - Intersil Corporation ISL5123 Datasheet HTML 3Page - Intersil Corporation ISL5123 Datasheet HTML 4Page - Intersil Corporation ISL5123 Datasheet HTML 5Page - Intersil Corporation ISL5123 Datasheet HTML 6Page - Intersil Corporation ISL5123 Datasheet HTML 7Page - Intersil Corporation ISL5123 Datasheet HTML 8Page - Intersil Corporation ISL5123 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6022.6
November 17, 2004
Ordering Information
PART NO.
(BRAND)*
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL5120CB
0 to 70
8 Ld SOIC
M8.15
ISL5120CBZ (Note)
0 to 70
8 Ld SOIC (Pb-free) M8.15
ISL5120IB
-40 to 85
8 Ld SOIC
M8.15
ISL5120IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL5120IH-T
(120I)
-40 to 85
8 Ld SOT-23
P8.064
ISL5120IHZ-T (Note)
(120I)
-40 to 85
8 Ld SOT-23
(Pb-free)
P8.064
ISL5121CB
0 to 70
8 Ld SOIC
M8.15
ISL5121CBZ (Note)
0 to 70
8 Ld SOIC (Pb-free) M8.15
ISL5121IB
-40 to 85
8 Ld SOIC
M8.15
ISL5121IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL5121IH-T
(121I)
-40 to 85
8 Ld SOT-23
P8.064
ISL5121IHZ-T (Note)
(121I)
-40 to 85
8 Ld SOT-23
(Pb-free)
P8.064
ISL5122CB
0 to 70
8 Ld SOIC
M8.15
ISL5122CBZ (Note)
0 to 70
8 Ld SOIC (Pb-free) M8.15
ISL5122IB
-40 to 85
8 Ld SOIC
M8.15
ISL5122IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL5122IH-T
(122I)
-40 to 85
8 Ld SOT-23
P8.064
ISL5122IHZ-T (Note)
(122I)
-40 to 85
8 Ld SOT-23
(Pb-free)
P8.064
ISL5123CB
0 to 70
8 Ld SOIC
M8.15
ISL5123CBZ (Note)
0 to 70
8 Ld SOIC (Pb-free) M8.15
ISL5123IB
-40 to 85
8 Ld SOIC
M8.15
ISL5123IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL5123IH-T (123I)
-40 to 85
6 Ld SOT-23
P6.064
ISL5123IHZ-T (Note)
(123I)
-40 to 85
6 Ld SOT-23
(Pb-free)
P6.064
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
*Most surface mount devices are available on tape and reel;
add “-T” to suffix.
ISL5120, ISL5121, ISL5122, ISL5123


Similar Part No. - ISL5123

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5123 INTERSIL-ISL5123 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5123 RENESAS-ISL5123 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5123CBZ RENESAS-ISL5123CBZ Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5123CBZ-T RENESAS-ISL5123CBZ-T Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5123IBZ RENESAS-ISL5123IBZ Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL5123

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com