Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL5120 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL5120
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL5120 Datasheet(HTML) 3 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6022.6
November 17, 2004
Ordering Information
PART NO.
(BRAND)*
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL5120CB
0 to 70
8 Ld SOIC
M8.15
ISL5120CBZ (Note)
0 to 70
8 Ld SOIC (Pb-free) M8.15
ISL5120IB
-40 to 85
8 Ld SOIC
M8.15
ISL5120IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL5120IH-T
(120I)
-40 to 85
8 Ld SOT-23
P8.064
ISL5120IHZ-T (Note)
(120I)
-40 to 85
8 Ld SOT-23
(Pb-free)
P8.064
ISL5121CB
0 to 70
8 Ld SOIC
M8.15
ISL5121CBZ (Note)
0 to 70
8 Ld SOIC (Pb-free) M8.15
ISL5121IB
-40 to 85
8 Ld SOIC
M8.15
ISL5121IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL5121IH-T
(121I)
-40 to 85
8 Ld SOT-23
P8.064
ISL5121IHZ-T (Note)
(121I)
-40 to 85
8 Ld SOT-23
(Pb-free)
P8.064
ISL5122CB
0 to 70
8 Ld SOIC
M8.15
ISL5122CBZ (Note)
0 to 70
8 Ld SOIC (Pb-free) M8.15
ISL5122IB
-40 to 85
8 Ld SOIC
M8.15
ISL5122IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL5122IH-T
(122I)
-40 to 85
8 Ld SOT-23
P8.064
ISL5122IHZ-T (Note)
(122I)
-40 to 85
8 Ld SOT-23
(Pb-free)
P8.064
ISL5123CB
0 to 70
8 Ld SOIC
M8.15
ISL5123CBZ (Note)
0 to 70
8 Ld SOIC (Pb-free) M8.15
ISL5123IB
-40 to 85
8 Ld SOIC
M8.15
ISL5123IBZ (Note)
-40 to 85
8 Ld SOIC (Pb-free) M8.15
ISL5123IH-T (123I)
-40 to 85
6 Ld SOT-23
P6.064
ISL5123IHZ-T (Note)
(123I)
-40 to 85
6 Ld SOT-23
(Pb-free)
P6.064
NOTE: Intersil Pb-free products employ special Pb-free material
sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020C.
*Most surface mount devices are available on tape and reel;
add “-T” to suffix.
ISL5120, ISL5121, ISL5122, ISL5123


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn